Electronic Components Datasheet Search
  English  ▼

X  

DAC8541Y/2K Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8541Y/2K
Description  16-BIT SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL VOLTAGE OUTPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8541Y/2K Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC8541Y/2K Datasheet HTML 5Page - Texas Instruments DAC8541Y/2K Datasheet HTML 6Page - Texas Instruments DAC8541Y/2K Datasheet HTML 7Page - Texas Instruments DAC8541Y/2K Datasheet HTML 8Page - Texas Instruments DAC8541Y/2K Datasheet HTML 9Page - Texas Instruments DAC8541Y/2K Datasheet HTML 10Page - Texas Instruments DAC8541Y/2K Datasheet HTML 11Page - Texas Instruments DAC8541Y/2K Datasheet HTML 12Page - Texas Instruments DAC8541Y/2K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DAC8541
SLAS353 − DECEMBER 2001
9
www.ti.com
TYPICAL CHARACTERISTICS
Figure 6
−20
−15
−10
−5
0
5
10
15
20
−40
−15
10
35
60
85
TA − Free-Air Temperature − °C
ZERO-SCALE ERROR
vs
FREE-AIR TEMPERATURE
AVDD = VREF = 5 V
AVDD = VREF = 2.7 V
Figure 7
−20
−15
−10
−5
0
5
10
15
20
−40
−15
10
35
60
85
TA − Free-Air Temperature − °C
FULL-SCALE ERROR
vs
FREE-AIR TEMPERATURE
AVDD = 5 V
AVDD= 2.7 V
To Avoid Clipping of The Output Signal
During The Test, VREF = AVDD −10mV
Figure 8
0
0.5
1
1.5
2
2.5
3
05
10
15
DAC Loaded With 0000h
DAC Loaded With FFFFh
AVDD = VREF = 2.7 V
I(SOURCE/SINK) − Drive Current Capability − mA
OUTPUT VOLTAGE
vs
DRIVE CURRENT CAPABILITY
Figure 9
0
1
2
3
4
5
0
5
10
15
DAC Loaded With 0000h
DAC Loaded With FFFFh
AVDD = VREF = 5 V
I(SOURCE/SINK) − Drive Current Capability − mA
OUTPUT VOLTAGE
vs
DRIVE CURRENT CAPABILITY
Figure 10
200
220
240
260
280
300
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
AVDD − Analog Supply Voltage − V
ANALOG SUPPLY CURRENT
vs
ANALOG SUPPLY VOLTAGE
Figure 11
1000
500
0
100
150
200
250
1500
2000
AIDD HISTOGRAM
2500
300
350
400
AIDD − µA
AVDD = 5 V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com