Electronic Components Datasheet Search
  English  ▼

X  

DAC8541Y/2K Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8541Y/2K
Description  16-BIT SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL VOLTAGE OUTPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8541Y/2K Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC8541Y/2K Datasheet HTML 13Page - Texas Instruments DAC8541Y/2K Datasheet HTML 14Page - Texas Instruments DAC8541Y/2K Datasheet HTML 15Page - Texas Instruments DAC8541Y/2K Datasheet HTML 16Page - Texas Instruments DAC8541Y/2K Datasheet HTML 17Page - Texas Instruments DAC8541Y/2K Datasheet HTML 18Page - Texas Instruments DAC8541Y/2K Datasheet HTML 19Page - Texas Instruments DAC8541Y/2K Datasheet HTML 20Page - Texas Instruments DAC8541Y/2K Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
DAC8541
SLAS353 − DECEMBER 2001
19
www.ti.com
APPLICATION INFORMATION
layout
A precision analog component requires careful layout, adequate bypassing, and clean, well-regulated power
supplies. The following measures should be taken to assure optimum performance of the DAC8541.
The DAC8541 offers dual-supply operation, as it can often be used in close proximity with digital logic,
microcontrollers, microprocessors, and digital signal processors. The more digital logic present in the design
and the higher the switching speed, the more important it becomes to separate the analog and digital ground
and supply planes at the DAC.
Because the DAC8541 has both analog and digital ground pins, return currents can be better controlled and
have less effect on the DAC’s output error. Ideally, AGND would be connected directly to an analog ground plane
and DGND to the digital ground plane. The analog ground plane would be separate from the ground connection
for the digital components until they were connected at the power entry point of the system.
The power applied to AVDD and VREFH (this also applies to VREFL if not tied to AGND) should be well-regulated
and low-noise. Switching power supplies and dc/dc converters often have high-frequency glitches or spikes
riding on the output voltage. In addition, digital components can create similar high-frequency spikes as their
internal logic switches states. This noise can easily couple into the DAC output voltage through various paths
between the power connections and analog output.
As with the AGND connection, AVDD should be connected to a 5-V power supply plane or trace that is separate
from the connection for digital logic until they are connected at the power entry point. In addition, the 1-
µF to
10-
µF and 0.1-µF bypass capacitors are strongly recommended. In some situations, additional bypassing may
be required, such as a 100-
µF electrolytic capacitor or even a Pi filter made up of inductors and capacitors—all
designed to essentially lowpass filter the AVDD supply, removing the high frequency noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com