Electronic Components Datasheet Search
  English  ▼

X  

DAC8541Y/2K Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8541Y/2K
Description  16-BIT SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL VOLTAGE OUTPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8541Y/2K Datasheet(HTML) 3 Page - Texas Instruments

  DAC8541Y/2K Datasheet HTML 1Page - Texas Instruments DAC8541Y/2K Datasheet HTML 2Page - Texas Instruments DAC8541Y/2K Datasheet HTML 3Page - Texas Instruments DAC8541Y/2K Datasheet HTML 4Page - Texas Instruments DAC8541Y/2K Datasheet HTML 5Page - Texas Instruments DAC8541Y/2K Datasheet HTML 6Page - Texas Instruments DAC8541Y/2K Datasheet HTML 7Page - Texas Instruments DAC8541Y/2K Datasheet HTML 8Page - Texas Instruments DAC8541Y/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DAC8541
SLAS353 − DECEMBER 2001
3
www.ti.com
electrical characteristics, DVDD = 1.8 V to 5.5 V; AVDD = 2.7 V to 5.5 V; RL = 2 kΩ to AGND;
CL = 200 pF to AGND; all specifications –40°C to 85°C (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE INPUT
Reference current
AVDD = VREFH = 5 V, VREFL = AGND
50
75
A
Reference current
AVDD = VREFH = 3.6 V, VREFL = AGND
35
60
µA
VREFH input range
VREFH>VREFL
0
AVDD
V
VREFL input range
−100
AGND
100
mV
Reference input impedance
100
k
Ω
LOGIC INPUTS (see Note 2)
Input current
±1
µA
VINL, input low voltage
DVDD = 1.8 V to 5.5 V
0.3
×DVDD
V
VINH, input high voltage
DVDD = 1.8 V to 5.5 V
0.7
×DVDD
V
Pin input capacitance
3
pF
POWER REQUIREMENTS
DVDD
1.8
5.5
V
DIDD
DAC active and excluding load current,
VIH = DVDD and VIL = DGND
0.2
1.0
µA
AVDD
2.7
5.5
V
AIDD (normal operation)
DAC active and excluding load current,
AVDD = 3.6 V to 5.5 V
DAC active and excluding load current,
VIH = DVDD and VIL = DGND
250
400
A
AVDD = 2.7 V to 3.6 V
VIH = DVDD and VIL = DGND
240
390
µA
AIDD (all power-down modes)
AVDD = 3.6 V to 5.5 V
VIH = DVDD and VIL = DGND
0.2
1
A
AVDD = 2.7 V to 3.6 V
VIH = DVDD and VIL = DGND
0.05
1
µA
POWER EFFICIENCY
IOUT/AIDD
I(LOAD) = 2 mA, AVDD = +5 V
89%
NOTE 2; Assured by design and characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com