Electronic Components Datasheet Search
  English  ▼

X  

HA2840 Datasheet(PDF) 2 Page - Harris Corporation

Part # HA2840
Description  600MHz, Very High Slew Rate Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HA2840 Datasheet(HTML) 2 Page - Harris Corporation

  HA2840 Datasheet HTML 1Page - Harris Corporation HA2840 Datasheet HTML 2Page - Harris Corporation HA2840 Datasheet HTML 3Page - Harris Corporation HA2840 Datasheet HTML 4Page - Harris Corporation HA2840 Datasheet HTML 5Page - Harris Corporation HA2840 Datasheet HTML 6Page - Harris Corporation HA2840 Datasheet HTML 7Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals. . . . . . . . . . . . . . . . . . . . 35V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Operating Conditions
Temperature Range
HA-2840-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
HA-2840-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Recommended Supply Voltage Range . . . . . . . . . . . .
±7V to ±15V
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
14 Lead PDIP Package . . . . . . . . . . . . . .
80
N/A
8 Lead CERDIP Package . . . . . . . . . . . . .
135
50
8 Lead PDIP Package . . . . . . . . . . . . . . .
96
N/A
8 Lead SOIC Package . . . . . . . . . . . . . . .
157
N/A
Maximum Internal Quiescent Power Dissipation (Note 1)
Maximum Junction Temperature (Ceramic Package) . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Maximum power dissipation with load conditions must be designed to maintain the maximum junction temperature below 175oC for ceramic
packages and below 150oC for plastic packages.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications VSUPPLY = ±15V, RL = 1kΩ, CL ≤ 10pF, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP (oC)
HA-2840-5, -9
UNITS
MIN
TYP
MAX
INPUT CHARACTERISTICS
Offset Voltage (Note 8)
25
-
0.6
2
mV
Full
-
2
6
mV
Average Offset Voltage Drift
Full
-
20
-
µV/oC
Bias Current (Note 8)
25
-
5
14.5
µA
Full
-
8
20
µA
Offset Current
25
-
1
4
µA
Full
-
-
8
µA
Input Resistance
25
-
10
-
k
Ω
Input Capacitance
25
-
1
-
pF
Common Mode Range
Full
±10
-
-
V
Input Noise Voltage (Note 8)
f = 1kHz, RSOURCE = 0Ω
25
-
6
-
Input Noise Current (Note 8)
f = 1kHz, RSOURCE = 10kΩ
25
-
6
-
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain
Note 3
25
20
25
-
kV/V
Full
15
20
-
kV/V
Common-Mode Rejection Ratio (Note 8)
VCM = ±10V
Full
75
80
-
dB
Minimum Stable Gain
25
10
-
-
V/V
Gain Bandwidth Product (Note 8)
VO = 90mV, AV = +100
25
-
600
-
MHz
OUTPUT CHARACTERISTICS
Output Voltage Swing (Note 8)
Note 3
Full
±10
-
-
V
Output Current (Note 8)
Note 3
Full
±10
±20
-
mA
Output Resistance
25
-
30
-
Ω
Full Power Bandwidth (Note 4)
Note 3
25
8.7
10
-
MHz
Differential Gain (Note 7)
AV = 10
25
-
0.03
-
%
nV
Hz
⁄
pA
Hz
⁄
HA-2840



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com