Electronic Components Datasheet Search
  English  ▼

X  

HA2840 Datasheet(PDF) 3 Page - Harris Corporation

Part # HA2840
Description  600MHz, Very High Slew Rate Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HA2840 Datasheet(HTML) 3 Page - Harris Corporation

  HA2840 Datasheet HTML 1Page - Harris Corporation HA2840 Datasheet HTML 2Page - Harris Corporation HA2840 Datasheet HTML 3Page - Harris Corporation HA2840 Datasheet HTML 4Page - Harris Corporation HA2840 Datasheet HTML 5Page - Harris Corporation HA2840 Datasheet HTML 6Page - Harris Corporation HA2840 Datasheet HTML 7Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Differential Phase (Note 7)
AV = 10
25
-
0.03
-
Degrees
Harmonic Distortion (Note 8)
AV = 10, VO = 2VP-P, f = 1MHz
25
-
-79
-
dBc
TRANSIENT RESPONSE (Note 5)
Rise Time
25
-
4
-
ns
Overshoot
25
-
20
-
%
Slew Rate (Notes 6, 8)
Note 3
25
550
625
-
V/
µs
Settling Time
10V Step to 0.1%
25
-
180
-
ns
POWER REQUIREMENTS
Supply Current (Note 8)
Full
-
13
15
mA
Power Supply Rejection Ratio (Note 8)
VS = ±10V to ±20V
Full
75
90
-
dB
NOTES:
3. RL = 1kΩ, VO = ±10V, 0V to ±10V for slew rate.
4. Full Power Bandwidth guaranteed based on slew rate measurement using:
.
5. Refer to Test Circuit section of data sheet.
6. This parameter is not tested. The limits are guaranteed based on lab characterization, and reflect lot-to-lot variation.
7. Differential gain and phase are measured with a VM700A video tester, using a NTC-7 composite VITS.
8. See “Typical Performance Curves” for more information.
Electrical Specifications VSUPPLY = ±15V, RL = 1kΩ, CL ≤ 10pF, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP (oC)
HA-2840-5, -9
UNITS
MIN
TYP
MAX
FPBW
Slew Rate
2
πV
PEAK
---------------------------
=
V
PEAK
10V
=
()
;
Test Circuits and Waveforms
TEST CIRCUIT
LARGE SIGNAL RESPONSE
SMALL SIGNAL RESPONSE
IN
OUT
+
900
Ω
100
Ω
-
9. VS = ±15V.
10. AV = +10.
11. CL < 10pF.
INPUT
OUTPUT
Input = 1V/Div.
Output = 5V/Div.
50ns/Div.
INPUT
OUTPUT
Input = 10mV/Div.
Output = 100mV/Div.
50ns/Div.
HA-2840



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com