Electronic Components Datasheet Search
  English  ▼

X  

HA2840 Datasheet(PDF) 4 Page - Harris Corporation

Part # HA2840
Description  600MHz, Very High Slew Rate Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HA2840 Datasheet(HTML) 4 Page - Harris Corporation

  HA2840 Datasheet HTML 1Page - Harris Corporation HA2840 Datasheet HTML 2Page - Harris Corporation HA2840 Datasheet HTML 3Page - Harris Corporation HA2840 Datasheet HTML 4Page - Harris Corporation HA2840 Datasheet HTML 5Page - Harris Corporation HA2840 Datasheet HTML 6Page - Harris Corporation HA2840 Datasheet HTML 7Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
SETTLING TIME TEST CIRCUIT
Test Circuits and Waveforms (Continued)
+
V-
0.001
µF
0.001
µF
1
µF
1
µF
2k
Ω
5k
Ω
V+
INPUT
500
Ω
SETTLING
POINT
200
Ω
OUTPUT
PROBE
MONITOR
-
NOTES:
12. AV = -10.
13. Load Capacitance should be less than 10pF.
14. It is recommended that resistors be carbon composition
and that feedback and summing network ratios be
matched to 0.1%.
15. SETTLING POINT (Summing Node) capacitance should
be less than 10pF. For optimum settling time results, it is
recommended that the test circuit be constructed directly
onto the device pins. A Tektronix 568 Sampling
Oscilloscope with S-3A sampling heads is recommend-
ed as a settle point monitor.
Typical Performance Curves TA = 25oC, VSUPPLY = ±15V, RL = 1kΩ, CL < 10pF, Unless Otherwise Specified
FIGURE 1. FREQUENCY RESPONSE FOR VARIOUS GAINS
FIGURE 2. GAIN BANDWIDTH PRODUCT vs SUPPLY VOLTAGE
FIGURE 3. GAIN BANDWIDTH PRODUCT vs TEMPERATURE
FIGURE 4. CMRR vs FREQUENCY
100
80
60
40
20
0
0
90
180
1K
10K
100K
1M
10M
FREQUENCY (Hz)
OPEN LOOP
AVCL = 1000
AVCL = 100
AVCL = 10
OPEN LOOP
100M
650
600
550
500
5
6
7
8
9
10
111213
14
15
SUPPLY VOLTAGE (
±V)
750
650
550
450
350
250
-60
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (oC)
100
10K
100K
1M
10M
FREQUENCY (Hz)
1K
90
80
70
60
50
40
30
20
HA-2840



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com