Electronic Components Datasheet Search
  English  ▼

X  

HCPL260L Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL260L
Description  High Speed LVTTL Compatible 3.3 Volt Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL260L Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL260L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
6 − 115
Figure 11. Recommended printed circuit board layout.
Figure 12. Recommended LVTTL interface circuit.
GND BUS (BACK)
VCC BUS (FRONT)
ENABLE
0.1 F
10 mm MAX.
(SEE NOTE 5)
OUTPUT
NC
NC
SINGLE CHANNEL
DEVICE ILLUSTRATED.
*DIODE D1 (1N916 OR EQUIVALENT) IS NOT REQUIRED FOR UNITS WITH OPEN COLLECTOR OUTPUT.
VCC1
3.3 V
GND 1
D1*
IF
VF
SHIELD
SINGLE CHANNEL DEVICE
8
6
5
RL
0.1 F
BYPASS
2
3
+
–
3.3 V
GND 2
VCC2
2
220
Ω
1
7
VE
VCC1
3.3 V
GND 1
D1*
SHIELD
DUAL CHANNEL DEVICE
CHANNEL 1 SHOWN
8
7
5
RL
0.1 F
BYPASS
1
2
+
–
3.3 V
GND 2
VCC2
2
220
Ω
1
IF
VF
6章104-117(PDF用)
01.5.24, 4:24 PM
Page 115
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com