Electronic Components Datasheet Search
  English  ▼

X  

HCPL260L Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # HCPL260L
Description  High Speed LVTTL Compatible 3.3 Volt Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL260L Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button HCPL260L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL260L Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
6 − 117
CMR with Other Drive
Circuits
CMR performance with drive
circuits other than that shown in
Figure 13 may be enhanced by
following these guidelines:
1. Use of drive circuits where
current is shunted from the
LED in the LED off” state (as
shown in Figures 15 and 16).
This is beneficial for good
CMRH.
2. Use of I FH > 3.5 mA. This is
good for high CMRL.
Figure 15 shows a circuit which
can be used with any totem-pole-
output TTL/LSTTL/HCMOS logic
gate. The buffer PNP transistor
allows the circuit to be used with
logic devices which have low
current-sinking capability. It also
helps maintain the driving-gate
power-supply current at a
constant level to minimize ground
shifting for other devices
connected to the input-supply
ground.
When using an open-collector
TTL or open-drain CMOS logic
gate, the circuit in Figure 16 may
be used. When using a CMOS
gate to drive the optocoupler, the
circuit shown in Figure 17 may
be used. The diode in parallel
with the RLED speeds the turn-off
of the optocoupler LED.
Figure 15. TTL interface circuit.
Figure 16. TTL open-collector/open drain gate drive circuit.
Figure 17. CMOS gate drive circuit.
420
Ω
(MAX)
1
3
2
4
2N3906
(ANY PNP)
VCC
74L504
(ANY
TTL/CMOS
GATE)
HCPL-260L
LED
R
1
3
2
4
VCC
74HC00
(OR ANY
OPEN-COLLECTOR/
OPEN-DRAIN
LOGIC GATE)
HCPL-260L
LED
220
Ω
1
3
2
4
VCC
74HC04
(OR ANY
TOTEM-POLE
OUTPUT LOGIC
GATE)
HCPL-260L
1N4148
LED
www.semiconductor.agilent.com
Data subject to change.
Copyright © 2000 Agilent Technologies
5980-2523EN (11/00)
6章104-117(PDF用)
01.5.24, 4:24 PM
Page 117
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com