Electronic Components Datasheet Search
  English  ▼

X  

HCTL2000 Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part # HCTL2000
Description  Quadrature Decoder/Counter Interface ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCTL2000 Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Back Button HCTL2000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 19Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
In this circuit an interface to a
Motorola 6802/8 and a cascading
scheme for a 24-bit counter are
shown. This circuit provides a
minimum part count by: 1) using
two 74LS697 Up/Down counters
with output registers and tri-state
outputs and 2) using a Motorola
6802/8 LDX instruction which
stores 16 bits of data into the
index registers in two consecutive
clock cycles.
The HCTL-2020 OE and the
74LS697 G lines are decoded
from Address lines A15-A13. This
results in counter data being
enabled onto the bus whenever
an external memory access is
made to locations 4XXX or 2XXX.
Address line A12 and processor
clock E enables the 74LS138.
The processor clock E is also
used to clock the HCTL-2020.
Address AO is connected directly
to the SEL pin on the HCTL-
2020. This line selects the low or
high byte of data from the HCTL-
2020.
Cascading is accomplished by
connecting the CNTCAS output on
the HCTL-2020 with the counter
clock (CCK) input on both
74LS697s. The U/D pin on the
HCTL-2020 and the U/D pin on
both 74LS697s are also directly
connected for easy expansion.
The RCO of the first 4-bit
74LS697 is connected to the ENT
pin of the second 74LS697. This
enables the second counter only
when there is a RCO signal on the
first counter.
This configuration allows the
6802 to read both data bytes with
a single double-byte fetch
instruction (LDX 2XX0). This
instruction is a five cycle
instruction which reads external
memory location 2XX0 and stores
the high order byte into the high
byte of the index register.
Memory location 2XX1 is next
read and stored in the low order
byte of the index register. The
high byte of counter data is
clocked into the 74LS697
registers when SEL is low and
OE goes low. This upper byte can
be read at any time by pulling the
74LS697 G low when reading
address 4XXX. Figure 15 shows
memory addresses and gives an
example of reading the HCTL-
2020. Figure 16 shows the
interface timing for the circuit.
Address
Function
CXXX
Reset Counters
4XXX
Enable High Byte on Data Lines
2XX0
Enable Mid Byte on Data Lines
2XX1
Enable Low Byte on Data Lines
Read Example
LDX 2000
Loads mid byte and then low byte into
STX 0100
memory locations 0100 and 0101
LDAA 4000
Loads the high byte into memory
STAA 0102
location 0102
Figure 15. Memory Addresses and Read Example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com