Electronic Components Datasheet Search
  English  ▼

X  

HCTL2000 Datasheet(PDF) 17 Page - Agilent(Hewlett-Packard)

Part # HCTL2000
Description  Quadrature Decoder/Counter Interface ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCTL2000 Datasheet(HTML) 17 Page - Agilent(Hewlett-Packard)

Back Button HCTL2000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 19Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
is the crystal frequency divided
by 3. T0 must be enabled by
executing the ENT0 CLK
instruction after each system
reset, but prior to the first
encoder position change. An
8748 program which interfaces
to the circuit in Figure 17 is
given in Figure 18. The resulting
interface timing is shown in
Figure 19.
Interfacing the HCTL-
20XX to an Intel 8748
The circuit shown in Figure 17
shows the connections between
an HCTL-20XX and an 8748.
Data lines D0-D7 are connected
to the 8748 bus port. Bits 0 and 1
of port 1 are used to control the
OE and SEL inputs of the HCTL-
20XX respectively. T0 is used to
provide a clock signal to the
HCTL-20XX. The frequency of T0
Figure 17. An HCTL-20XX-to-Intel 8748 Interface.
* NOTE: PIN NUMBERS ARE DIFFERENT FOR THE HCTL-2020.
Object
Source
LOC
Code
Statements
Comments
000
99 00
ANL P1, 00H
Enable output and higher order
bits
002
08
INS A, BUS
Load higher order bits into ACC
003
A8
MOVE R0, A
Move data to register 0
004
89 02
ORL P1, 02H
Enable output and lower order
bits
006
08
INS A, BUS
Load order bits into AC
008
A9
MOV R1, A
Move data to register 1
009
89 03
ORL P1, 03H
Disable outputs
00B
93
RETR
Return
Figure 18. A Typical Program for Reading HCTL-20XX with an 8748.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com