Electronic Components Datasheet Search
  English  ▼

X  

DF58 Datasheet(PDF) 6 Page - Hirose Electric

Part # DF58
Description  Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF58 Datasheet(HTML) 6 Page - Hirose Electric

  DF58 Datasheet HTML 1Page - Hirose Electric DF58 Datasheet HTML 2Page - Hirose Electric DF58 Datasheet HTML 3Page - Hirose Electric DF58 Datasheet HTML 4Page - Hirose Electric DF58 Datasheet HTML 5Page - Hirose Electric DF58 Datasheet HTML 6Page - Hirose Electric DF58 Datasheet HTML 7Page - Hirose Electric DF58 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
DF58 Series●Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
BOperating Precautions
1. Recommended Temperature Profile
(Lead-free soldering possible)
2. Recommended Hand Solder Conditions
Soldering iron temperature : 350 ± 10
℃, soldering time : within 3 seconds
3. Recommended Screen Thickness, Aperture
Opening Rate (Pattern Area Ratio)
Thickness 0.1mm, aperture opening rate : 100%
4. PCB Warpage
Max 0.02mm at the center of connector with the both edges of the connector
as the baseline.
5. Cleaning Condition
Cleaning with IPA is possible. (Cleaning is not recommended as it may
change the feel of insertion/extraction, etc. Please consult with us when
using other types of cleaning agents.)
6. Precautions
■ Insertion/extraction of the connector while not mounted to the PCB may
cause breakage or deformation to the contact.
■ Do not apply flux at the time of hand soldering, as it may result in flux rise.
■ This product may have slightly different hue on molded items, however,
they do not affect the product performance.
■ See the separate “DF58 Insertion/Extraction Procedure Manual” for
handling precautions at the time of insertion and extraction.
[Applicable Conditions]
1. Peak Temperature : MAX 250
℃
2. Heated Area : 220
℃ or above, within 60 sec.
3. Pre-heating Area : 150-180
℃, 90-120 sec.
4. Number of Operation : Twice or less
* The contact lead area was measured.
The conditions may change depending on the types and manufacturers of
cream solder, PCB size, and conditions of other materials used for
soldering. Please fully check the soldering condition before use.
[Remarks 1] This temperature profile is our recommended value.
50
60sec
100
150
200
250
0
PRE-HEATING TIME SOLDERING TIME
TIME(sec)
90‒120sec
180ç
220ç
10sec MAX
MAX 250



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com