Electronic Components Datasheet Search
  English  ▼

X  

DF58 Datasheet(PDF) 2 Page - Hirose Electric

Part # DF58
Description  Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF58 Datasheet(HTML) 2 Page - Hirose Electric

  DF58 Datasheet HTML 1Page - Hirose Electric DF58 Datasheet HTML 2Page - Hirose Electric DF58 Datasheet HTML 3Page - Hirose Electric DF58 Datasheet HTML 4Page - Hirose Electric DF58 Datasheet HTML 5Page - Hirose Electric DF58 Datasheet HTML 6Page - Hirose Electric DF58 Datasheet HTML 7Page - Hirose Electric DF58 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
DF58 SeriesSmall-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
■Product Specifications
Rating
Current rating
2pos.
3pos.
4pos.
6pos.
Operating temperature range -55ç to 85ç (Note 1)
Operating humidity range 20% to 80% (Note 2)
28AWG
3.0A
2.5A
2.0A
30AWG
2.5A
2.0A
1.5A
Voltage rating
100V AC
DC
Storage temperature range -10ç to 60ç (Note 3)
Storage humidity range 40% to 70% (Note 3)
Item
Specification
Conditions
1.Insulation
resistance
100Mø min.
100V DC
2.Withstanding
voltage
No flashover or insulation breakdown
500V AC / 1 minute
3.Contact
resistance
10mø max.
20mV max. at 1mA.
4.Vibration
No electrical discontinuity of 1µs or longer
No damage, cracks or parts dislocation.
Frequency : 10 to 55Hz, single amplitude of 0.75mm,
10 cycles, 3 direction
5.Shock
No electrical discontinuity of 1µs or longer
No damage, cracks or parts dislocation.
Acceleration of 490m/s2, 11ms duration, sine half-
wave, 3 cycles in each of the 3 axis
6.Humidity
Contact resistance : 20mø max.,
Insulation resistance : 100Mø min.
No damage, cracks or parts dislocation.
96 hours at 40 ±2ç, and humidity of 90 to 95%
7.Temperature
cycle
Contact resistance : 20mø max.,
Insulation resistance : 100Mø min.
No damage, cracks or parts dislocation.
-55°C → 5 to 35°C → 85°C → 5 to 35°C
Times : 30 min. → 2 min. to 3 min. → 30 min. → 2 min.
to 3 min. 5 cycles
8.Durability
Contact resistance : 20mø max.,
No damage, cracks or parts dislocation.
10 cycles
9.Resistance to
soldering heat
No deformation of components affecting
performance
Reflow : See recommended temperature profile (Page 6)
Manual soldering : 350°C for 3 seconds
Note 1 : Includes temperature rise caused by operating current.
Note 2 : Use in environments without condensation.
Note 3 : The term "storage" refers to products stored for a long period prior to soldering or usage.
The operating temperature and humidity range covers the non-conducting condition of installed connectors in storage,
shipment or during transportation.
Materials / Finish
Product
Part
Material
Finish
Remarks
Header
Insulator
LCP
Black
UL94V-0
Contacts
Copper Alloy
Tin Plated
---------------
Crimp socket
Insulator
LCP
Natural
UL94V-0
Crimp contacts
Contacts
Copper Alloy
Tin Plated
---------------
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
●Header
Series name
DF
Series No.
58
Number of contacts
2, 3, 4, 6
Connector type
PHeader
Contact pitch
1.2mm
Termination section
VStraight SMT
DF 58 − * P 1.2 V
❹❺❻
●Crimp socket
Series name
DF
Series No.
58
Number of contacts
2, 3, 4, 6
Connector type
SSocket
Contact pitch
1.2mm
Termination section
CCrimp socket
DF 58 − * S − 1.2 C
❹❺
●Crimp contact
Applicable wire size
2830 : 28 to 30AWG
Packaging
SCFFemale crimp contact / reel
DF 58 − 2830 SCF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com