Electronic Components Datasheet Search
  English  ▼

X  

DF58 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF58
Description  Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF58 Datasheet(HTML) 1 Page - Hirose Electric

  DF58 Datasheet HTML 1Page - Hirose Electric DF58 Datasheet HTML 2Page - Hirose Electric DF58 Datasheet HTML 3Page - Hirose Electric DF58 Datasheet HTML 4Page - Hirose Electric DF58 Datasheet HTML 5Page - Hirose Electric DF58 Datasheet HTML 6Page - Hirose Electric DF58 Datasheet HTML 7Page - Hirose Electric DF58 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
2016.11
Small-Sized, Low Profile 1.0mm Height,Wire-to-Board Connectors for Power Supply
DF58 Series
■Features
1. Small-sized, low profile connector
Low profile design of 1.0mm stacking height, the
connector is suitable for small-sized devices.
2. Leveling of the vertical mating cable
Ver tical inser tion of the connector for mating
enhances the assembly operation within device.
3. Proprietary ViSe Lock design
The cable side lock has been strengthened with our
proprietary ViSe Lock mechanism*, preventing the
cables from being easily disconnected due to tough
routing or an excessive load. (*ViSe Lock: Vertical-
insertion Swing-extraction)(Fig.2)*Patent pending
4. High current capability up the maximum
of 3.0A (2pos. : When 28AWG is used)
By adopting high conductivity material and lowering
contact resistance through optimized contact force,
high-current capability is achieved in spite of its
small size.
5. Highly reliable contact design
Effective mating length of 0.29mm is achieved in
spite of low profile 1.0mm stacking height. The
2-point clipping contact stabilizes contact resistance.
6. Halogen-free*
*As defined by IEC 61249-2-21
Br-900ppm max, Cl-900ppm max, Br+Cl-1,500ppm max
Small-sized, low profile connector
NEW
Description of the ViSe Lock Design
5.8mm
(3 pos.
)
4.97mm
1mm
Insertion operation appears to be vertical mating.
However, it is actually inserted at an angle which
ensures high retention force in upper direction.
Before mating
Contact design
Effective mating
length of 0.29mm
Cross sectional view of contact face
2-points of contact
After mating
Fig.1
Fig.2
Fig.3


Similar Part No. - DF58

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DF5800S200D TOKEN-DF5800S200D Datasheet
524Kb / 19P
DF-B Dielectric Filters
More results

Similar Description - DF58

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP34L-5PA-2SC HIROSE-RP34L-5PA-2SC Datasheet
366Kb / 7P
Low Profile Connectors for AC power supply
logo
Dubilier
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
BOARD TO WIRE CONNECTORS
logo
Hirose Electric
RP34L-5PA-2SC HIROSE-RP34L-5PA-2SC_1 Datasheet
350Kb / 7P
Low Profile Connectors for AC power supply
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
logo
Hirose Electric
DF61 HIROSE-DF61 Datasheet
1Mb / 8P
Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
DF57 HIROSE-DF57_17 Datasheet
308Kb / 8P
Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
DF60 HIROSE-DF60 Datasheet
489Kb / 12P
65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
DF61Y HIROSE-DF61Y Datasheet
559Kb / 8P
Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
DF63 HIROSE-DF63 Datasheet
829Kb / 8P
15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
DF65 HIROSE-DF65 Datasheet
1Mb / 6P
1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com