Electronic Components Datasheet Search
  English  ▼

X  

DRV593VFPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV593VFPR
Description  3−A HIGH−EFFICIENCY PWM POWER DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV593VFPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV593VFPR Datasheet HTML 4Page - Texas Instruments DRV593VFPR Datasheet HTML 5Page - Texas Instruments DRV593VFPR Datasheet HTML 6Page - Texas Instruments DRV593VFPR Datasheet HTML 7Page - Texas Instruments DRV593VFPR Datasheet HTML 8Page - Texas Instruments DRV593VFPR Datasheet HTML 9Page - Texas Instruments DRV593VFPR Datasheet HTML 10Page - Texas Instruments DRV593VFPR Datasheet HTML 11Page - Texas Instruments DRV593VFPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
DRV593
DRV594
SLOS401A - SEPTEMBER 2002 REVISED - OCTOBER 2002
www.ti.com
8
TYPICAL CHARACTERISTICS
Figure 6
0
50
100
150
200
250
300
-40
-15
10
35
60
85
Total
Low Side
High Side
VDD = 3.3 V
IO = 1 A
VFP Package
DRAIN-SOURCE ON-STATE RESISTANCE
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
Figure 7
0
1
2
3
4
5
6
7
8
9
10
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VDD - Supply Voltage - V
No Load
10
100
1k
10k
100k
Figure 8
-80
-70
-60
-50
-40
-30
-20
f - Frequency - Hz
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
VDD = 5 V
fS = 500 kHz
RL = 1 Ω
Vripple = 100 mVpp
10
100
1k
10k
100k
Figure 9
-80
-70
-60
-50
-40
-30
-20
f - Frequency - Hz
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
VDD = 3.3 V
fS = 500 kHz
RL = 1 Ω
Vripple = 100 mVpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com