Electronic Components Datasheet Search
  English  ▼

X  

DRV593VFPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DRV593VFPR
Description  3−A HIGH−EFFICIENCY PWM POWER DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV593VFPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button DRV593VFPR Datasheet HTML 10Page - Texas Instruments DRV593VFPR Datasheet HTML 11Page - Texas Instruments DRV593VFPR Datasheet HTML 12Page - Texas Instruments DRV593VFPR Datasheet HTML 13Page - Texas Instruments DRV593VFPR Datasheet HTML 14Page - Texas Instruments DRV593VFPR Datasheet HTML 15Page - Texas Instruments DRV593VFPR Datasheet HTML 16Page - Texas Instruments DRV593VFPR Datasheet HTML 17Page - Texas Instruments DRV593VFPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
DRV593
DRV594
SLOS401A - SEPTEMBER 2002 REVISED - OCTOBER 2002
www.ti.com
14
1
µF
AVDD
AGND (Connect to PowerPAD)
ROSC
COSC
AREF
IN+
IN -
IN -
H/C
PGND
PGND
PGND
PGND
PGND
PGND
PWM
120 k
Ω
220 pF
1
µF
Shutdown Control
1 k
Ω
1 k
Ω
DC Control
Voltage
10
µF
VDD
10
µH
1
µF
FAULT1
FAULT0
To TEC or Laser
Diode Anode
To TEC or Laser
Diode Cathode
1
µF
SHUTDOWN
DRV593
DRV594
10
µF
Figure 21. Typical Application Circuit
OUTPUT FILTER CONSIDERATIONS
TEC element manufacturers provide electrical specifications for maximum dc current and maximum output
voltage for each particular element. The maximum ripple current, however, is typically only recommended to
be less than 10% with no reference to the frequency components of the current. The maximum temperature
differential across the element, which decreases as ripple current increases, may be calculated with the
following equation:
DT +
1
1
) N2
DTmax
where
∆T = actual temperature differential
∆Tmax = maximum temperature differential (specified by manufacturer)
N = ratio of ripple current to dc current
According to this relationship, a 10% ripple current reduces the maximum temperature differential by 1%. An
LC network may be used to filter the current flowing to the TEC to reduce the amount of ripple and, more
importantly, protect the rest of the system from any electromagnetic interference (EMI).
FILTER COMPONENT SELECTION
The LC filter, which may be designed from two different perspectives, both described below, helps estimate the
overall performance of the system. The filter should be designed for the worst-case conditions during operation,
which is typically when the differential output is at 50% duty cycle. The following section serves as a starting
point for the design, and any calculations should be confirmed with a prototype circuit in the lab.
Any filter should always be placed as close as possible to the DRV593 and DRV594 to reduce EMI.
Figure 22. LC Output Filter
C
TEC
PWM
H/C
R
L
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com