Electronic Components Datasheet Search
  English  ▼

X  

DRV593VFPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV593VFPR
Description  3−A HIGH−EFFICIENCY PWM POWER DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV593VFPR Datasheet(HTML) 1 Page - Texas Instruments

  DRV593VFPR Datasheet HTML 1Page - Texas Instruments DRV593VFPR Datasheet HTML 2Page - Texas Instruments DRV593VFPR Datasheet HTML 3Page - Texas Instruments DRV593VFPR Datasheet HTML 4Page - Texas Instruments DRV593VFPR Datasheet HTML 5Page - Texas Instruments DRV593VFPR Datasheet HTML 6Page - Texas Instruments DRV593VFPR Datasheet HTML 7Page - Texas Instruments DRV593VFPR Datasheet HTML 8Page - Texas Instruments DRV593VFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DRV593
DRV594
SLOS401A - SEPTEMBER 2002 REVISED - OCTOBER 2002
±3−A HIGH−EFFICIENCY PWM POWER DRIVER
FEATURES
D Operation Reduces Output Filter Size and
Cost by 50% Compared to DRV591
D ±3-A Maximum Output Current
D Low Supply Voltage Operation: 2.8 V to 5.5 V
D High Efficiency Generates Less Heat
D Overcurrent and Thermal Protection
D Fault Indicators for Overcurrent, Thermal and
Undervoltage Conditions
D Two Selectable Switching Frequencies
D Internal or External Clock Sync
D PWM Scheme Optimized for EMI
D 9×9 mm PowerPAD Quad Flatpack Package
APPLICATIONS
D Thermoelectric Cooler (TEC) Driver
D Laser Diode Biasing
DESCRIPTION
The
DRV593
and
DRV594
are
high-efficiency,
high-current power amplifiers ideal for driving a wide
variety of thermoelectric cooler elements in systems
powered from 2.8 V to 5.5 V. The operation of the device
requires only one inductor and capacitor for the output
filter,
saving
significant
printed-circuit
board
area.
Pulse-width modulation (PWM) operation and low output
stage
on-resistance
significantly
decrease
power
dissipation in the amplifier.
The DRV593 and DRV594 are internally protected against
thermal and current overloads. Logic-level fault indicators
signal when the junction temperature has reached
approximately 115
°C to allow for system-level shutdown
before the amplifier’s internal thermal shutdown circuitry
activates. The fault indicators also signal when an
overcurrent event has occurred. If the overcurrent circuitry
is tripped, the devices automatically reset (see application
information section for more details).
The PWM switching frequency may be set to 500 kHz or
100 kHz depending on system requirements. To eliminate
external components, the gain is fixed at 2.3 V/V for the
DRV593. For the DRV594, the gain is fixed at 14.5 V/V.
1
µF
AVDD
AGND (Connect to PowerPAD)
ROSC
COSC
AREF
IN+
IN -
IN -
H/C
PGND
PGND
PGND
PGND
PGND
PGND
PWM
120 k
Ω
220 pF
1
µF
Shutdown Control
1 k
Ω
1 k
Ω
DC Control
Voltage
10
µF
VDD
10
µH
1
µF
FAULT1
FAULT0
To TEC or Laser
Diode Anode
To TEC or Laser
Diode Cathode
1
µF
SHUTDOWN
DRV593
DRV594
10
µF
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002, Texas Instruments Incorporated


Similar Part No. - DRV593VFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV593VFPR TI1-DRV593VFPR Datasheet
798Kb / 27P
3?묨 HIGH?묮FFICIENCY PWM POWER DRIVER
DRV593VFPR TI2-DRV593VFPR Datasheet
1Mb / 28P
±3-A HIGH-EFFICIENCY PWM POWER DRIVER
REVISED JULY 2010
DRV593VFPR.A TI2-DRV593VFPR.A Datasheet
1Mb / 28P
±3-A HIGH-EFFICIENCY PWM POWER DRIVER
REVISED JULY 2010
DRV593VFPRG4 TI1-DRV593VFPRG4 Datasheet
798Kb / 27P
3?묨 HIGH?묮FFICIENCY PWM POWER DRIVER
More results

Similar Description - DRV593VFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV591 TI-DRV591 Datasheet
141Kb / 16P
3-A HIGH-EFFICIENCY PWM POWER DRIVER
logo
Toshiba Semiconductor
TB6520P TOSHIBA-TB6520P_06 Datasheet
378Kb / 19P
PWM TYPE 3−PHASE FULL−WAVE SENSORLESS MOTOR CONTROLLER
TD62781AP TOSHIBA-TD62781AP_06 Datasheet
496Kb / 10P
8CH HIGH−VOLTAGE SOURCE DRIVER
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
TD62783APG TOSHIBA-TD62783APG_06 Datasheet
270Kb / 11P
8CH HIGH−VOLTAGE SOURCE DRIVER
TD62930PG TOSHIBA-TD62930PG Datasheet
345Kb / 12P
THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
TD62930P TOSHIBA-TD62930P_06 Datasheet
343Kb / 12P
THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
logo
Unisonic Technologies
62783 UTC-62783 Datasheet
173Kb / 5P
8CH HIGH−VOLTAGE SOURCE DRIVER
62784 UTC-62784 Datasheet
173Kb / 5P
8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Texas Instruments
DRV591 TI1-DRV591_14 Datasheet
955Kb / 22P
3-A HIGH-EFFICIENCY PWM POWER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com