Electronic Components Datasheet Search
  English  ▼

X  

RMC Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # RMC
Description  General Purpose Relays Industrial Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RMC Datasheet(HTML) 2 Page - TE Connectivity Ltd

  RMC Datasheet HTML 1Page - TE Connectivity Ltd RMC Datasheet HTML 2Page - TE Connectivity Ltd RMC Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Panel/Plug-in Relays
Power Relay RM C/D (Continued)
Coil Data (continued)
Coil versions, AC coil
Coil code
Rated
Operate
Release
Coil
Rated coil
STD
LED
voltage
voltage
voltage
resistance
power
50/60Hz
50/60Hz
50/60Hz
VAC
VAC
VAC
Ω±10%1)2)
VA
Coil versions, AC-coil, RMC, RMD
524
R24
24
19.2/20.4
7.2
80
2.62/2.00
548
R48
48
38.4/40.8
14.4
320
2.60/2.17
560
R60
60
48.0/51.0
18.0
500
2.62/2.20
615
S15
115
92.0/97.8
34.5
1850
2.65/2.22
730
T30
230
184.0/195.5
69.0
7500
2.69/ 2.26
900
V00
400
320.0/340.0 120.0
235002)
2.61/2.20
2) Coil resistance ±15%.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Insulation Data
RMC
RMD
Initial dielectric strength
between open contacts
1500Vrms
2000Vrms
between contact and coil
2500Vrms
2500Vrms
Initial surge withstand voltage
between contact and coil
6000V (1.2/50µs)
Clearance/creepage
between contact and coil
≥4.0/14.9mm
Material group of insulation parts
IIIa
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
for mounting/handling
-20 to +40°C
in operation
DC coil
-40 to +60°C
AC coil
-40 to +40°C
Cold storage, IEC 60068-2-1
Test Aa (-40°C/16h)
Dry heat, IEC 60068-2-2
Test B (+85°C/16h)
Damp heat cyclic,
IEC 60068-2-30, Db, Variant 1
12/12h +25/55°C 2 cycles
Category of environmental protection
IEC 61810
RTI - dust protected
Vibration resistance (functional)
form A (NO)/form B (NC)
10/5 g, 30 to 150Hz
Terminal type
quick connect (QC)
Cover retention
pull force
100N
push force
100N
Weight
81g
Packaging unit
10 pcs.
Terminal assignment
Bottom view on pins
1 form Z contact (1 NO + 1 NC), RMC
1 form X contact (1 NO), RMD
Dimensions
Dimensions in mm
Cover with mounting brackets, 6.3mm quick connect terminals



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com