Electronic Components Datasheet Search
  English  ▼

X  

RMC Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # RMC
Description  General Purpose Relays Industrial Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RMC Datasheet(HTML) 3 Page - TE Connectivity Ltd

  RMC Datasheet HTML 1Page - TE Connectivity Ltd RMC Datasheet HTML 2Page - TE Connectivity Ltd RMC Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Panel/Plug-in Relays
Power Relay RM C/D (Continued)
Product key
Contacts
Version
Enclosure
Coil
Coil
Part number
RMC05024
1 form Z,
Without
Mounting brackets
DC coil
24VDC
4-1393844-5
RMC05524
1 NO + 1 NC
test button
quick c. 6.3 mm
AC coil
24VAC
1393146-5
RMC05615
contact
115VAC
8-1393147-7
RMC05730
30A
230VAC
1393146-6
RMC35024
With test button
DC coil
24VDC
1393146-7
RMD05024
1 form X,
Without
24VDC
1393146-9
RMD05524
1 NO contact
test button
AC coil
24VAC
1-1393146-1
RMD05615
30A
115VAC
1415009-1
RMD05730
230VAC
4-1393844-7
RMD35024
With
DC coil
24VDC
2-1419136-2
RMD35730
test button
AC coil
230VAC
1393097-5
Product code structure
Typical product code
RM
D
0
5
730
Type
RM Power Relay RMC/D
Contact arrangement
C 1 form Z (1 NO + 1 NC), 30A
D 1 form X (1 NO), 30A
Version
0
AgCdO, without test button
3
AgCdO, with test button
2
AgNi90/10, without test button
7
AgNi90/10, with test button
Enclosure
5
Cover with mounting brackets, 6.3mm quick connect terminals
Coil
Coil code: please refer to coil versions table



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com