Electronic Components Datasheet Search
  English  ▼

X  

RMC Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # RMC
Description  General Purpose Relays Industrial Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RMC Datasheet(HTML) 1 Page - TE Connectivity Ltd

  RMC Datasheet HTML 1Page - TE Connectivity Ltd RMC Datasheet HTML 2Page - TE Connectivity Ltd RMC Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Panel/Plug-in Relays
Power Relay RM C/D
n
1 pole 30/32 A, 1 form X, double make, NO or
1 form Z, double make + double break, NO + NC
n
Switching capacity up to 12800VA
n
DC or AC coil
n
Push-to-test button
n
Chassis mount
Typical applications
Battery chargers, heating control.
Approvals
UL E214025, VDE Cert. No. 40003144 for AgNi-versions
Technical data of approved types on request.
Contact Data
RMC
RMD
Contact arrangement
1 form Z,
1 form X,
1 NO + 1 NC
1 NO
Rated voltage
400VAC
Max. switching voltage
440VAC
Rated current
30A/32A (VDE)
Limiting making current, max. 20ms
60A
Switching power
7500VA
Contact material
AgCdO, AgNi 90/10
Contact style
single bridging contact
Min. recommended contact load
24VDC/100mA
Frequency of operation,
with/without load, DC coil
960/6000h-1
Operate/release time max., DC coil
20/20ms
Bounce time max., form A/form B, DC coil
4/6ms
Contact ratings
Type
Contact
Load
Cycles
EN 61810
RMC/D X of Z (NO), AgNi 32A, 400VAC res. 40°C
20x10³
RMC
Y of Z (NC), AgNi 32A, 400VAC res. 40°C
10x10³
RMC/D X of Z (NO)
AgNi DC coil
30A, 400VAC res. 50°C
10x10³
RMC/D X of Z (NO)
AgNi AC coil
30A, 400VAC res. 40°C
10x10³
UL 508
RMC/D X/Y (NO/NC),
AgCdO,
30 A, 277 VAC, general purpose 50°C 10x103
RMC/D X/Y (NO/NC)
30 A, 415 VAC, resistive 50°C
10x103
RMC/D X (of Z / NO), AgNi 120 VAC, 0,75 HP 50°C
10x103
RMC/D X/Y (NO/NC)
240 VAC, 2 HP 50°C
6x103
Mechanical endurance
DC coil
10x106 operations
AC coil
10x106 operations
Coil Data
Coil voltage range
6 to 220 VDC
6 to 400 VAC
Operative range, IEC 61810
2
Coil insulation system according UL
class 130 (B)
Coil versions, DC coil
Coil code
Rated
Coil
Rated coil
STD
LED
PD3)
LED+
voltage
resistance
power
bipolar
PD3)
VDC
Ω±10%1)2)
W
006
L06
0A6
LA6
6
32
1.1
012
L12
0B2
LB2
12
110
1.3
024
L24
0C4
LC4
24
475
1.2
048
L48
0E8
LE8
48
2000
1.2
060
L60
0G0
LG0
60
2850
1.3
110
M10
1B0
MB0
110
100001)
1.2
221
N21
2C1
NC1
220
400002)
1.2
Operate voltage, DC coil
75% of rated coil voltage
Release voltage, DC coil
10% of rated coil voltage
1) Coil resistance ±12%, 2) Coil resistance ±15%.
3) Protection diode PD; standard polarity: +A1 / -A2.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Z


Similar Part No. - RMC

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RMC HAMMOND-RMC Datasheet
100Kb / 2P
Chassis pour equipement - modele economique
logo
Token Electronics Indus...
RMC TOKEN-RMC Datasheet
400Kb / 5P
Bulk Ceramic Composition Resistors
logo
Dwyer Instruments,
RMC DWYER-RMC Datasheet
595Kb / 2P
RATE-MASTER® POLYCARBONATE FLOWMETERS 2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
logo
IDEM Safety Switches
RMC IDEM-SAFETY-RMC Datasheet
1Mb / 2P
Non Contact Coded Safety Switches Operating Instructions
Feb 2020
logo
Dwyer Instruments,
RMC-1 DWYER-RMC-1 Datasheet
595Kb / 2P
RATE-MASTER® POLYCARBONATE FLOWMETERS 2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
More results

Similar Description - RMC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393114-4 MACOM-2-1393114-4 Datasheet
617Kb / 3P
General Purpose Relays Industrial Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
General Purpose Relays Industrial Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
General Purpose Relays Industrial Relays
2-1393117-0 MACOM-2-1393117-0 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
2-1393117-2 MACOM-2-1393117-2 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
KUEP-11D15-125 TEC-KUEP-11D15-125 Datasheet
570Kb / 3P
General Purpose Relays Industrial Relays
Rev. 0522
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com