Electronic Components Datasheet Search
  English  ▼

X  

HT48R50A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT48R50A
Description  8-Bit Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R50A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT48R50A Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
HT48R50A-1
8-Bit Microcontroller
Rev. 1.10
1
July 2, 2001
General Description
This device is an 8-bit high performance
RISC-like microcontroller designed for multi-
ple I/O product applications. It is particularly
suitable for use in products such as remote con-
trollers, fan/light controllers, washing machine
controllers, scales, toys and various subsystem
controllers. A HALT feature is included to re-
duce power consumption.
Features
·
Operating voltage:
fSYS=4MHz: 3.3V~5.5V
fSYS=8MHz: 4.5V~5.5V
·
Low voltage reset function
·
35 bidirectional I/O lines (max.)
·
1 interrupt input shared with an I/O line
·
8-bit programmable timer/event counter with
overflow interrupt and 8-stage prescaler
·
16-bit programmable timer/event counter
and overflow interrupts
·
On-chip RC oscillator, external crystal and
RC oscillator
·
32768Hz crystal oscillator for timing
purposes only
·
Watchdog Timer
·
4096´15 program memory ROM
·
160´8 data memory RAM
·
Buzzer driving pair and PFD supported
·
HALT function and wake-up feature reduce
power consumption
·
6-level subroutine nesting
·
Up to 0.5ms instruction cycle with 8MHz
system clock at VDD=5V
·
Bit manipulation instruction
·
15-bit table read instruction
·
63 powerful instructions
·
All instructions in one or two machine
cycles
·
28-pin SKDIP/SOP, 48-pin SSOP package


Similar Part No. - HT48R50A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R50A-1 HOLTEK-HT48R50A-1 Datasheet
307Kb / 41P
I/O Type 8-Bit MCU
March 8, 2006
HT48R50A-1 HOLTEK-HT48R50A-1_09 Datasheet
280Kb / 39P
I/O Type 8-Bit MCU
More results

Similar Description - HT48R50A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
11-Jul-2007
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
15-Oct-2007
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
19-Jul-2007
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
16-Oct-2007
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com