Electronic Components Datasheet Search
  English  ▼

X  

RT1 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # RT1
Description  Power PCB Relay RT1
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RT1 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  RT1 Datasheet HTML 1Page - TE Connectivity Ltd RT1 Datasheet HTML 2Page - TE Connectivity Ltd RT1 Datasheet HTML 3Page - TE Connectivity Ltd RT1 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RT1 (Continued)
Other Data (continued)
Terminal type
standard version
PCB-THT, plug-in
reflow version
PCB-THR
Mounting distance
AC coil: ≥2.5mm
Weight
14g
Resistance to soldering heat THT, IEC 60068-2-20
RTII
270°C/10s
RTIII
260°C/5s
Resistance to soldering heat THR
reflow soldering (for reflow version)
forced gas convection 4) or
vapour phase 5)
temperature profile
according EN61730
Packaging/unit
tube/20 pcs., box/500 pcs.
4) infrared heating not allowed
5) recommended fluid LS/230
Accessories
For details see datasheet
Accessories Industrial Power Relay RT
NOTE: indicated contact ratings and electrical endurance data for direct
wiring of relays (according IEC 61810-1); for relays mounted on sockets
deratings may apply.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
5000Vrms
Clearance/creepage
between contact and coil
≥10/10mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI 250V
reflow version
PTI 175V
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Resistance to heat and fire
WG version or Reflow version
according EN60335, par30
Ambient temperature
DC coil
-40 to 85°C
AC coil
-40 to 70°C
Category of environmental protection, IEC 61810
standard version
RTII - flux proof, RTIII - wash tight
reflow version
RTII - flux proof
Vibration resistance (functional)
form A/form B contact, 30 to 500Hz
20g/5g
Shock resistance (destructive)
100g
PCB layout / terminal assignment
Bottom view on solder pins
12A, pinning 3.5mm
1 form C (CO) contact
1 form A (NO) contact
12A, pinning 5mm
1 form C (CO) contact
1 form A (NO) contact
16A, pinning 5mm
1 form C (CO) contact
1 form A (NO) contact
S0418-CB
S0418-CN
S0418-CA
S0163-BE
S0163-BC
S0163-BG
S0163-BH
S0163-BD
S0163-BF
*) With the recommended PCB hole sizes a grid
pattern from 2.5mm to 2.54mm can be used.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com