Electronic Components Datasheet Search
  English  ▼

X  

RT1 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # RT1
Description  Power PCB Relay RT1
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RT1 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  RT1 Datasheet HTML 1Page - TE Connectivity Ltd RT1 Datasheet HTML 2Page - TE Connectivity Ltd RT1 Datasheet HTML 3Page - TE Connectivity Ltd RT1 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
n
1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
n
DC or AC coil
n
5kV/10mm coil-contact, reinforced insulation
n
Ambient temperature 85°C (DC coil)
n
WG version: product in accordance to IEC 60335-1
n
Reflow version: for THR (Through-Hole Reflow) soldering process
Typical applications
Boiler control, timers, garage door control, POS automation, interface
modules
Approvals
VDE Cert. No. 40007571, cULus E214025, cCSAus 1142018;
CQC in preparation
Technical data of approved types on request
Contact Data
12A
16A
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
12A
16A
Limiting continuous current
12A
16A, UL: 20A
Limiting making current
max. 4s, duty factor 10%
25A
30A
Breaking capacity max.
3000VA
4000VA
Contact material
AgNi 90/10, AgNi 90/10 gold plated
Frequency of operation, with/without load
DC coil
360/72000h-1
AC coil
360/36000h-1
Operate/release time max., DC coil
8/6ms
Bounce time max., DC coil, form A/form B
4/6ms
Electrical endurance
see electrical endurance graph1)
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
RT314 DC-coil A (NO)
16A, 250VAC, cos
φ=1, 85°C
30x103
RT314 DC-coil C (CO)
16A, 250VAC, cos
φ=1, 85°C
10x103
RT314 DC-coil A (NO)
10A, 400VAC, cos
φ=1, 85°C
150x103
RT114 DC-coil A (NO)
12A, 250VAC, cos
φ=1, 85°C
50x103
RT114 AC-coil A (NO)
12A, 250VAC, cos
φ=1, 70°C
100x103
UL 508
RT314
A/B (NO/NC) 20A, 250VAC, general purpose, 85°C 6x103
RT334
A (NO)
16A, 250VAC, gen. purpose, 85°C
50x103
RT314
A (NO)
1hp, 240VAC, 40°C
1x103
RT314
A (NO)
FLA/LRA, 4.5/13.1A, 480VAC, 70°C 100x103
EN60947-5-1
RT314 DC-coil A/B (NO/NC) 2A, 24VDC, DC13
6.050
EN60730-1
RT314 DC-coil A (NO)
12(2)A, 250VAC, 85°C
100x103
1) For reflow solderable versions: actual contact performance may be influenced by the
reflow soldering process.
Contact Data (continued)
Mechanical endurance
DC coil
>30x106 operations
AC coil
>10x106 operations
AC coil, reflow version
>5x106 operations
Coil Data
Coil voltage range, DC coil/ AC coil
5 to 110VDC / 24 to 230VAC
Operative range, IEC 61810
2
Coil insulation system according UL
class F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%2)
mW
005
5
3.5
0.5
62
403
006
6
4.2
0.6
90
400
009
9
6.3
0.9
200
400
012
12
8.4
1.2
360
400
020
20
14.0
2.0
952
420
024
24
16.8
2.4
1440
400
048
48
33.6
4.8
5520
417
060
60
42.0
6.0
85702)
420
110
110
77.0
11.0
288002)
420
2) Coil resistance ±12%.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Coil versions, AC coil 50/60 Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VAC
VAC
VAC
Ω±15%3)
VA
524
24
18.0
3.6
3503)
0.76
615
115
86.3
17.3
8100
0.76
620
120
90.0
18.0
8800
0.75
700
200
150.0
30.0
24350
0.76
730
230
172.5
34.5
32500
0.74
3) Coil resistance ±10%.
All figures are given for coil without pre-energization, at ambient temperature +23°C, 50 Hz.
Other coil voltages on request.
Power PCB Relay RT1
F0144-C
Z b


Similar Part No. - RT1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT1 MACOM-RT1 Datasheet
286Kb / 4P
Power PCB Relay
RT1 MACOM-RT1 Datasheet
589Kb / 3P
Power PCB Relay RT1 1 pole 12 / 16 A, DC- or AC-coil
logo
Omron Electronics LLC
RT1 OMRON-RT1 Datasheet
703Kb / 10P
Remote Access Solution
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
logo
Weller Tools
RT1 WELLER-RT1 Datasheet
1Mb / 2P
RT 1
More results

Similar Description - RT1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
Power PCB Relay RT1
2-1393237-2 MACOM-2-1393237-2 Datasheet
567Kb / 3P
Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
Power PCB Relay RT1
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
Power PCB Relay RT1
2-1419108-9 MACOM-2-1419108-9 Datasheet
567Kb / 3P
Power PCB Relay RT1
RT314024F MACOM-RT314024F Datasheet
567Kb / 3P
Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
Power PCB Relay RT1
6-1393238-2 MACOM-6-1393238-2 Datasheet
492Kb / 4P
Power PCB Relay RT1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com