Electronic Components Datasheet Search
  English  ▼

X  

RT1 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # RT1
Description  Power PCB Relay RT1
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RT1 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  RT1 Datasheet HTML 1Page - TE Connectivity Ltd RT1 Datasheet HTML 2Page - TE Connectivity Ltd RT1 Datasheet HTML 3Page - TE Connectivity Ltd RT1 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RT1 (Continued)
Product code structure
Typical product code
RT
3
1
4
024
Type
RT Power PCB Relay RT1
Version
1
12A, pinning 3.5mm, flux proof
2
12A, pinning 5mm, flux proof *)
3
16A, pinning 5mm, flux proof
B 12A, pinning 3.5mm, wash tight
D 16A, pinning 5mm, wash tight
Contact arrangement
1
1 form C (CO) contact
3
1 form A (NO) contact
Contact material
4
AgNi 90/10
5
AgNi 90/10 gold plated (for type RT31.)
Coil
Coil code: please refer to coil versions table
Version
Blank
Standard version
WG
Product in accordance with IEC 60335-1 (domestic appliances)
R
Reflow solderable
*) Wash tight version on request
Dimensions
S0272-BB
Process conditions for Reflow soldering
according to EN61760-1
THT version
THR version (reflow solderable)
S0272-BRB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com