Electronic Components Datasheet Search
  English  ▼

X  

NEB-N Datasheet(PDF) 2 Page - CUI INC

Part # NEB-N
Description  FULLY REGULATED ADVANCED BUS CONVERTERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NEB-N Datasheet(HTML) 2 Page - CUI INC

  NEB-N Datasheet HTML 1Page - CUI INC NEB-N Datasheet HTML 2Page - CUI INC NEB-N Datasheet HTML 3Page - CUI INC NEB-N Datasheet HTML 4Page - CUI INC NEB-N Datasheet HTML 5Page - CUI INC NEB-N Datasheet HTML 6Page - CUI INC NEB-N Datasheet HTML 7Page - CUI INC NEB-N Datasheet HTML 8Page - CUI INC NEB-N Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
cui.com
date 11/07/2014
│ page 2 of 30
CUI Inc
│ SERIES: NEB-N │ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS
Nominal Output Voltage:
A = 12.0 V
B = 12.45 V
C = 9.6 V
D = 9.0 V
PART NUMBER KEY
NEB- XXX N X X - X X X X - XXX -ES X
Input Voltage Range:
W = wide (36~75 V)
M = medium (40~60 V)
Firmware Configuration:
000~ZZZ
Base Number
Design Output Power:
1~999
Example part number: NEB-264NWA-AN-001
264 W output power, no digital pins
wide input voltage range, 12.0 V output
5.33 mm pins, negative enable logic
firmware revision 001
No Digital Interface
Load Sharing Function:
D = Vout droop
Pin Description:
A = 5.33 mm (0.210 in.)
B = 4.57 mm (0.180 in.)
C = 3.69 mm (0.145 in.)
D = 2.79 mm (0.110 in.)
S = SMT
Enable Logic Sense:
N = negative logic
P = positive logic
Heatsink Option:
"blank" = open frame
H = heatsink flat
G = heatsink with GND pin
Engineering Sample:
ES
Engineering Phase:
A~Z
Packaging:
20 converters(through hole pin)/tray, PE foam dissipative
20 converters(surface mount pin)/tray, Antistatic PPE
CONTENTS
Part Number Key........................................................2
General Information...................................................3
Safety Specification....................................................3
Absolute Maximum Ratings..........................................4
EMC Specification.........................................19
Operating Information...................................19
Thermal Consideration..................................21
Connections............................................22
Mechanical Information.................................23
Soldering Information...................................26
Delivery Package Information.........................27
Product Qualification Specification...................29
Electrical Specification:
12V, 22A, 264W, 36~75Vin; NEB-264NWA-AN.....................5
12V, 25A, 300W, 40~60Vin; NEB-300NMA-AN.....................9
12.45V, 22A, 261W, 36~75Vin; NEB-261NWB-AN...............13
12.45V, 25A, 296W, 40~60Vin; NEB-296NMB-AN...............16
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com