Electronic Components Datasheet Search
  English  ▼

X  

NEB-N Datasheet(PDF) 13 Page - CUI INC

Part # NEB-N
Description  FULLY REGULATED ADVANCED BUS CONVERTERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NEB-N Datasheet(HTML) 13 Page - CUI INC

Back Button NEB-N Datasheet HTML 9Page - CUI INC NEB-N Datasheet HTML 10Page - CUI INC NEB-N Datasheet HTML 11Page - CUI INC NEB-N Datasheet HTML 12Page - CUI INC NEB-N Datasheet HTML 13Page - CUI INC NEB-N Datasheet HTML 14Page - CUI INC NEB-N Datasheet HTML 15Page - CUI INC NEB-N Datasheet HTML 16Page - CUI INC NEB-N Datasheet HTML 17Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
cui.com
date 11/07/2014
│ page 13 of 30
CUI Inc
│ SERIES: NEB-N │ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS
Electrical Specification
12.45 V, 22 A, 261 W
T
P1 = -40 to +90ºC, V
I = 36 to 75V.
Typical values given at: T
P1 = +25°C, V
I = 53 V, max IO, unless otherwise specified under Conditions.
Additional Cin= 0.1 mF, Cout = 0.1 mF. See Operating Information section for selection of capacitor types.
Configuration File: 19010-CDA 102 0315/014
parameter
conditions/description
min
typ
max
units
input voltage range (V
I)
36
75
V
turn-off input voltage (V
Ioff)
decreasing input voltage
32
33
34
V
turn-on input voltage (V
Ion)
increasing input voltage
34
35
36
V
internal input capacitance (C
I)
11
μF
output power (P
O)
0
261
W
efficiency (η)
50% of max I
O
max I
O
50% of max I
O, VI = 48 V
max I
O, VI = 48 V
94.7
94.5
95.2
94.8
%
%
%
%
power dissipation (P
d)
max I
O
15.3
21
W
input idling power (P
li)
I
O = 0 A, VI = 53 V
3.5
W
input standby power (P
RC)
V
I = 53 V (turned off with RC)
0.4
W
switching frequency (f
s)
0-100% of max I
O
180
kHz
output voltage setting and ac-
curacy (V
Oi)
T
P1 = +25°C, VI = 53 V, IO = 0 A
12.415
12.45
12.485
V
output voltage tolerance band
(V
O)
0-100% of max I
O
11.5
12.7
V
line regulation (V
O)
max I
O
100
250
mV
load regulation (V
O)
V
I = 53 V, 1-100% of max IO
450
600
700
mV
load transient voltage deviation
(V
tr)
V
I = 53 V, load step 25-75-25% of max IO, di/dt =
1 A/μs, Cout = 2.2 mF OSCON type
±350
mV
load transient recovery time
(t
tr)
V
I = 53 V, load step 25-75-25% of max IO, di/dt =
1 A/μs, Cout = 2.2 mF OSCON type
200
µs
ramp-up time (t
r) - (from
10−90% of V
Oi)
10-100% of max I
O
23
ms
start-up time (t
s) - (from VI
connection to 90% of V
Oi)
10-100% of max I
O
38
ms
VI shut-down fall time (t
f) -
(from V
I off to 10% of VO)
max I
O
I
O = 0 A
0.7
6
ms
s
RC start-up time (t
RC)
max I
O
26
ms
RC shut-down fall time (t
RC) -
(from RC off to 10% of V
O)
max I
O
I
O = 0 A
3.5
6
ms
s
output current (I
O)
0
22
A
current limit threshold (I
lim)
V
O = 10.8 V, TP1 < max TP1
24
25
26
A
short circuit current (I
SC)
T
P1 = 25ºC, see Note 1
7
A
recommended capacitive load
(C
Out)
T
P1 = 25ºC, see Note 2
0
2.2
6
mF
output ripple & noise (V
Oac)
See ripple & noise section, V
Oi
50
150
mVp-p
over voltage protection (OVP)
T
P1 = +25°C, VI = 53 V, 10-100 % of max IO
15.6
V
remote control (RC)
sink current (note 3), see operating information
trigger level, decreasing RC-voltage
trigger level, increasing RC-voltage
2.6
2.9
0.7
mA
V
V
Note
1: OCP in hic-cup mode
2: Low ESR-value
3: Sink current drawn by external device connected to the RC pin. Minimum sink current required to guarantee activated RC function.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com