Electronic Components Datasheet Search
  English  ▼

X  

NEB-N Datasheet(PDF) 21 Page - CUI INC

Part # NEB-N
Description  FULLY REGULATED ADVANCED BUS CONVERTERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NEB-N Datasheet(HTML) 21 Page - CUI INC

Back Button NEB-N Datasheet HTML 17Page - CUI INC NEB-N Datasheet HTML 18Page - CUI INC NEB-N Datasheet HTML 19Page - CUI INC NEB-N Datasheet HTML 20Page - CUI INC NEB-N Datasheet HTML 21Page - CUI INC NEB-N Datasheet HTML 22Page - CUI INC NEB-N Datasheet HTML 23Page - CUI INC NEB-N Datasheet HTML 24Page - CUI INC NEB-N Datasheet HTML 25Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
cui.com
date 11/07/2014
│ page 21 of 30
CUI Inc
│ SERIES: NEB-N │ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS
Temperature Protection (OTP, UTP) (Continued)
automatically when the temperature has dropped below
the temperature threshold; the hysteresis is defined in
general electrical specification. The product also has an
under temperature protection.
Over Voltage Protection (OVP)
The product includes over voltage limiting circuitry for
protection of the load. The OVP limit is 30% above the
nominal output voltage.
The response from an over voltage fault is to immediately
shut down. The device will continuously check for the
presence of the fault condition, and when the fault
condition no longer exists the device will be re-enabled.
Over Current Protection (OCP)
The product includes current limiting circuitry for
protection at continuous overload. The setting for the
product is hic-up mode if the maximum output current
is exceeded and the output voltage is below 0.3×Vout.
Above the trip voltage the product will continue to
operate while maintaining the output current at the
maximum output current. The load distribution should be
designed for the maximum output short circuit current
specified.
Droop Load Share variants (DLS) will enter hic-up mode,
with a trip voltage, 0.04×Vout. Above the trip voltage the
product will continue to operate while maintaining the
output current at the maximum output current.
Input Over/Under voltage protection
The input of the product is protected from high input
voltage and low input voltage.
Pre-bias Start-up Capability
The product has a Pre-bias start up functionality and will
not sink current during start up if a Pre-bias source is
present at the output terminals. If the Pre-bias voltage
is lower than the target value, the product will ramp up
to the target value. If the Pre-bias voltage is higher than
the target value, the product will ramp down to the target
value and in this case sink current for a limited time.
Output Voltage Regulation
The NEB products are designed to be fully regulated
within the plotted area. Operating outside this area is not
recommended.
12.0
12.2
12.4
12.6
12.8
13.0
13.2
13.4
35
45
55
65
75
Vin [V]
Vin range: 36-75Vdc
12.0
12.2
12.4
12.6
12.8
13.0
13.2
13.4
35 40 45 50 55 60 65
Vin [V]
Vin range:40-60Vdc
Thermal Consideration
General
The product is designed to operate in different thermal
environments and sufficient cooling must be provided to
ensure reliable operation. For products mounted on a PWB
without a heat sink attached, cooling is achieved mainly by
conduction, from the pins to the host board, and convection,
which is dependant on the airflow across the product.
Increased airflow enhances the cooling of the product. The
Output Current Derating graph found in the output section for
each model provides the available output current vs. ambient
air temperature and air velocity at VI =53 V. The product is
tested on a 254 x 254 mm, 35 µm (1 oz), 16-layer test board
mounted vertically in a wind tunnel with a cross-section of
608 x 203 mm
For products with base plate used in a sealed box/cold wall
application, cooling is achieved mainly by conduction through
the cold wall. The Output Current Derating graphs are found
in the output section for each model. The product is tested in
a sealed box test set up with ambient temperatures 85, 55
and 25°C.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com