Electronic Components Datasheet Search
  English  ▼

X  

LM2633 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2633 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button LM2633 Datasheet HTML 22Page - National Semiconductor (TI) LM2633 Datasheet HTML 23Page - National Semiconductor (TI) LM2633 Datasheet HTML 24Page - National Semiconductor (TI) LM2633 Datasheet HTML 25Page - National Semiconductor (TI) LM2633 Datasheet HTML 26Page - National Semiconductor (TI) LM2633 Datasheet HTML 27Page - National Semiconductor (TI) LM2633 Datasheet HTML 28Page - National Semiconductor (TI) LM2633 Datasheet HTML 29Page - National Semiconductor (TI) LM2633 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Output Capacitor Selection
(Continued)
Because the response speed of the regulator is slow com-
pared to a typical CPU load transient, the regulator has to
rely heavily on the output capacitors to handle the load
transient. The initial overshoot or undershoot is caused by
the ESR of the output capacitors. How the output voltage
recovers after that initial excursion depends on how fast the
output inductor current ramps and how large the output
capacitance is. See
Figure 3. If the total combined ESR of
the output capacitors is not low enough, the initial output
voltage excursion will violate the specification, see
∆V
c1.If
the ESR is low enough, but there is not enough output
capacitance, output voltage will have too much an extra
excursion and travel outside the specification window, before
it returns to its nominal value, see
∆V
c2.
During a load transient, the delta output voltage
∆V
c has two
changing components. One is the delta voltage across the
ESR (
∆V
r), the other is the delta voltage caused by the
gained charge (
∆V
q). Both delta voltages change with time.
For
∆V
r, the equation is:
(1)
and for
∆V
q, the equation is:
(2)
The total change in output voltage during such a load tran-
sient is:
∆V
c = ∆Vr + ∆Vq
(3)
From
Figure 4 it can be told that
∆V
c will reach its peak value
at some point in time and then it is going to decrease. The
larger the output capacitance is, the earlier the peak will
happen. If the capacitance is large enough, the peak will
occur at the beginning of the transient, i.e.,
∆V
c will decrease
monotonically after the transient happens. To find the peak
position, let the derivative of
∆V
c go to zero, and the result is:
(4)
The target is to find the capacitance value that will yield, at
t
peak,a ∆Vc that equals ∆Vc_s. By plugging tpeak expression
into the
∆V
C expression and equating the latter to ∆Vc_s, the
following formula is obtained:
(5)
Notice it is already assumed the total ESR is no greater than
R
e_s otherwise the term under the square root will be a
negative value.
There are two scenarios when calculating the C
min. See
Figure 5. One is that R
e is equal to Re_s so there is abso-
lutely no room for
∆V
q, which means tpeak = 0s. The other is
that R
e is smaller than Re_s so there is some room for ∆Vq,
which means t
peak is greater than zero. However, it is not
necessary to differentiate between the two scenarios when
figuring out the C
min by the above formula.
Allowed transient voltage excursion
The allowed output voltage excursion during a load transient
is:
(6)
Example: V
n = 1.35V, δ% = 7.5%, λ% = 1.4%, Vrip = 20mV
Since the ripple voltage is included in the calculation of
∆V
c_s, the inductor ripple current should not be included in
the worst-case load current excursion. That is, the
worst-case load current excursion should be simply
∆I
c_s.
20000807
FIGURE 3. Load Transient Spec. Violation
20000808
FIGURE 4. Delta Output Voltage Components
20000813
FIGURE 5. R
e =Re_s vs Re < Re_s
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com