Electronic Components Datasheet Search
  English  ▼

X  

LM2633 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2633 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2633 Datasheet HTML 10Page - National Semiconductor (TI) LM2633 Datasheet HTML 11Page - National Semiconductor (TI) LM2633 Datasheet HTML 12Page - National Semiconductor (TI) LM2633 Datasheet HTML 13Page - National Semiconductor (TI) LM2633 Datasheet HTML 14Page - National Semiconductor (TI) LM2633 Datasheet HTML 15Page - National Semiconductor (TI) LM2633 Datasheet HTML 16Page - National Semiconductor (TI) LM2633 Datasheet HTML 17Page - National Semiconductor (TI) LM2633 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Electrical Characteristics (Continued)
V
CC = +15V unless otherwise indicated under the Conditions column. Typicals and limits appearing in plain type apply for TA
=T
J = +25˚C. Limits appearing in boldface type apply over −40˚C to +125˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Error Amplifier
I
fb2
Feedback Input Bias
Current, Channel 2
V
FB2 = 1.36V
18
nA
I
fb3
Feedback Input Bias
Current, Channel 3
V
FB3 = 1.36V
70
nA
I
comp1,
I
comp2
COMP Output Sink
Current
V
FB1 = 150% of measured 1.4V DAC,
V
FB2 = 150% of measured bandgap,
V
COMP1 =VCOMP2 =1V
91
µA
V
comp_max
COMP Pin Maximum
Voltage
tbd
1.96
V
Gm
Transconductance
576
µmho
DAC Output and V
FB2
∆V
dac
Channel 1 DAC Output
Voltage Accuracy
VCOMP1 = 1V, DAC codes from 1.3V
to 1.6V
−2.0
2.0
%
VCOMP1 = 1V, DAC codes from
0.925V to 1.25V and from 1.65V to
2.00V
−2.2
2.2
V
fb2
Channel 2 DC Output
Voltage Accuracy
COMP2 pin from 0.5V to 1.8V
1.212
1.238
1.264
V
Linear Regulator Controller
V
fb3
Channel 3 DC Output
Voltage Accuracy
1.209
1.24
1.271
V
V
g3_sk
G3 Sink Current
20
µA
I
g3_sc
G3 Minimum Source
Current
20
mA
V
g3_max
G3 Maximum Voltage
3.6
V
Logic Inputs and Outputs
V
ih
Minimum High Level
Input Voltage (FPWM,
VID0-VID4)
2.2
V
V
il
Maximum Low Level
Input Voltage (FPWM,
ON/SS1, ON/SS2,
VID0-VID4)
0.7
V
I
oh_pg
PGOOD Output High
Current
PGOOD = 5.7V (Note 23)
5µA
V
ol_pg
PGOOD Output Low
Voltage
PGOOD Sinking 20 µA
0.3
V
Note 11: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the
device is guaranteed. For guaranteed performance limits and associated test conditions, see the Electrical Characteristics table.
Note 12: Maximum allowable power dissipation is calculated by using PDMAX =(TJMAX -TA)/θJA, where TJMAX is the maximum junction temperature, TA is the
ambient temperature and
θJA is the junction-to-ambient thermal resistance of the specified package. The 1.56W rating results from using 150˚C, 25˚C, and 80˚C/W
for TJMAX,TA, and θJA respectively. A θJA of 90˚C/W represents the worst-case condition of no heat sinking of the 48-pin TSSOP. Heat sinking allows the safe
dissipation of more power. The Absolute Maximum power dissipation should be derated by 12.5mW per ˚C above 25˚C ambient. The LM2633 actively limits its
junction temperature to about 150˚C.
Note 13: For detailed information on soldering plastic small-outline packages, refer to the Packaging Databook available from National Semiconductor Corporation.
Note 14: Except for ILIM1 and ILIM2 pins, which are 1.5kV. For testing purposes, ESD was applied using the human-body model, a 100pF capacitor discharged
through a 1.5k
Ω resistor.
Note 15: A typical is the center of characterization data taken with TA =TJ = 25˚C. Typical data are not guaranteed.
Note 16: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production with TA =TJ = 25˚C. All hot and cold
limits are guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
Note 17: This test simulates heavy load condition by changing COMP pin voltage.
Note 18: This parameter indicates how much current the LM2633 is drawing from the input supply when it is functioning but not driving external MOSFETs or a
bipoloar transistor.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com