Electronic Components Datasheet Search
  English  ▼

X  

2IOM Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2IOM
Description  Space Saving Mounting Boards for Slim Line Input/Output Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2IOM Datasheet(HTML) 1 Page - Tyco Electronics

  2IOM Datasheet HTML 1Page - Tyco Electronics 2IOM Datasheet HTML 2Page - Tyco Electronics 2IOM Datasheet HTML 3Page - Tyco Electronics 2IOM Datasheet HTML 4Page - Tyco Electronics 2IOM Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1122
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev 8-04)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
50-pin card edge connector
3M 3415-0001 1
50-pin header connector
AMP 7-1437021-4 1
5 amp fuse
Littelfuse 251-005 1
7 amp fuse 3
Littelfuse 251-007 1
1 amp fuse 2
Littelfuse 251-001 1
Part Number
2IOM4A
2IOM16
2IOM16A
2IOM16E
2IOM24
2IOM24D
2IOM32D
Number of I/O Channels
4
16
16
16
24
24
32
Number of Module Positions
4
16
16
16
24
24
32
Field Terminals: Screw Terminals
X
X
X
X
X
X
X
Logic Terminals: Screw Terminals
X
X
Logic Terminals: 50-pin card edge connector
X
X
X
Logic Terminals: 50-pin straight header
XX
Logic Terminals: 50-pin right angle header
X
Will accept 50-pin dual row header
X
X
Designed for neg. true logic; one logic voltage
X
X
X
X
X
X
X
2IOM4A Schematic
Designed to operate with neg. true logic (active low) systems & one logic voltage.
2IOM series
Space Saving Mounting Boards for Slim
Line Input/Output Modules
• LED status indicators, plug-in fuses & pull-up resistors
• Card edge, straight header, right-angle header and screw terminal
logic connections
• Screw terminals for field wiring
• UL recognized/CSA certified for 125V max. with 5A fuses;
250V max. with #22 solid copper jumper wire instead of fuses
File E61482
File LR15734
1
9
3
2
1
0
1
9
.250
(6.35)
2.75
(69.85)
3.25
(82.55)
3.25
(82.55)
2.75
(69.85)
1.9
(48.3)
MAX. TO TOP
OF MODULE
RIVETED STANDOFF
THRU HOLE 4 PLACES
.150 DIA.
(3.81)
.250
(6.35)
BARRIER STRIP
9 TERMINAL
2 PLACES
LED
STATUS
INDICATOR
FUSE
7-AMP
4 PLACES
.250
(6.35)
0.75
(19.05)
PULL-UP
RESISTORS
3.3K
Ω
Notes:
1. Or equivalent. Customer assumes ultimate responsibility for applicability.
2. Used only on 24 and 32 position models.
3. Used only on 2IOM4A and 2IOM16A.
Ordering Information - Boldface items listed below are more likely to be maintained in stock by authorized distributors.
2IOM4A Outline Dimensions
Suggested Mating Connectors and Fuses
FIELD INPUT/OUTPUT
PULL-UP
RESISTOR
3.3k
Ω
TYPICAL
LED
FUSE
7 AMP
TYPICAL
1
2
3
4
5
BARRIER
STRIP
SPARE
+ LOGIC
BARRIER
STRIP
LOGIC INPUT/OUTPUT
LOGIC
GND.
1
2
34
5
6
78
9
123
45
67
89
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - 2IOM

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2IOM TEC-2IOM Datasheet
258Kb / 5P
Space Saving Mounting Boards for Slim Line Input/Output Modules
More results

Similar Description - 2IOM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2IO MACOM-2IO Datasheet
344Kb / 4P
Mounting Boards for Input/Output Modules
OACM-5H MACOM-OACM-5H Datasheet
274Kb / 4P
IACM/OACM IDCM/ODCM Slim Line Input/Output Modules
2-1393028-0 MACOM-2-1393028-0 Datasheet
274Kb / 4P
Slim Line Input/Output Modules
2-1393028-1 MACOM-2-1393028-1 Datasheet
274Kb / 4P
Slim Line Input/Output Modules
logo
List of Unclassifed Man...
MS-8H ETC2-MS-8H Datasheet
379Kb / 4P
MS Series Input/Output Module Mounting Boards
logo
Tyco Electronics
IACM MACOM-IACM Datasheet
274Kb / 4P
Slim Line Input/Output Modules
logo
Crydom Inc.,
MS-24H CRYDOM-MS-24H Datasheet
379Kb / 4P
MS SERIES Input/output module mounting boards
logo
TE Connectivity Ltd
2IO TEC-2IO Datasheet
344Kb / 4P
Mounting Boards for Input/Output Modules
2IOM TEC-2IOM Datasheet
258Kb / 5P
Space Saving Mounting Boards for Slim Line Input/Output Modules
logo
Omron Electronics LLC
XM3-LS OMRON-XM3-LS Datasheet
539Kb / 2P
Space-saving 9-pin Slim D-sub Connectors for Boards
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com