Electronic Components Datasheet Search
  English  ▼

X  

2IOM Datasheet(PDF) 4 Page - Tyco Electronics

Part # 2IOM
Description  Space Saving Mounting Boards for Slim Line Input/Output Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2IOM Datasheet(HTML) 4 Page - Tyco Electronics

  2IOM Datasheet HTML 1Page - Tyco Electronics 2IOM Datasheet HTML 2Page - Tyco Electronics 2IOM Datasheet HTML 3Page - Tyco Electronics 2IOM Datasheet HTML 4Page - Tyco Electronics 2IOM Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1125
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev 8-04)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
49
1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14 15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
116
+-
17
32
64
49
48
33
10.20
(261.62
.250
(6.35)
BARRIER STRIP
16 TERMINAL
4 PLACES
BARRIER STRIP 2 TERMINAL
LOGIC SUPPLY INPUT
.400
(10.16)
.250
(6.35)
5.7
(144.78)
.250
(6.35)
PULL-UP
RESISTORS
3.3K
Ω
6.20
(157.48)
2.60
(66.04)
EDGE CARD
IS ARRANGED
TO ACCOMODATE
50 CONTACT
0.1” (3mm) CENTER,
CARD EDGE
CONNECTOR
MAX. TO T
OF MODU
RIVETED STANDOFF
THRU HOLE
6 PLACES
.150 DIA.
(3.81)
.750
(19.05)
1.9
(48.3)
.250
(6.35)
FUSE 1 AMP.
FUSE
5 AMP
32 PLACES
9.70
(246.38)
3.30
(83.82)
5.50
(139.7)
LED
STATUS
INDICATOR
2IOM32D With Straight Header
FIELD INPUT/OUTPUT
FIELD INPUT/OUTPUT
PULL-UP
RESISTOR
3.3k
Ω
LED
INDICATOR
FUSE
5 AMP
BARRIER
STRIP
12
+
–
34
56
78
910 11 12 13 14 15 16
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
17
19
21
22
23
25
26
28
30
31
32
34
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
FUSE
1 AMP
5
4
3
2
1
1
2
3
4
5
14
12
13
11
16
9
15
10
4
1
7
3
2
8
5
6
45
46
43
49
48
44
50
47
41
36
42
35
40
38
39
37
2IOM32D Outline Dimensions
2IOM32D Schematic
Designed to operate with neg. true logic (active low) systems & one logic voltage.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com