Electronic Components Datasheet Search
  English  ▼

X  

2IOM Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2IOM
Description  Space Saving Mounting Boards for Slim Line Input/Output Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2IOM Datasheet(HTML) 2 Page - Tyco Electronics

  2IOM Datasheet HTML 1Page - Tyco Electronics 2IOM Datasheet HTML 2Page - Tyco Electronics 2IOM Datasheet HTML 3Page - Tyco Electronics 2IOM Datasheet HTML 4Page - Tyco Electronics 2IOM Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1123
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev 8-04)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
FIELD INPUT/OUTPUT
LED
FUSE
5 AMP
TYPICAL
BARRIER
STRIPS
12
+
–
1
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
1
2
3
4
5
+ LOGIC
+ LOGIC
TOP
USER INSTALLABLE JUMPER (2 PLACES)
ALL
EVEN
PINS
LOGIC
GND.
EDGE CONN. BOT.
34
56
78
910 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
PULL-UP
RESISTOR
3.3k
Ω
TYPICAL
2IOM16 & 2IOM16E Outline Dimensions
116
49
1
+-
17
32
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
10.00
(254.0)
.200
(5.08)
BARRIER STRIP
16 TERMINAL 2 PLACES
BARRIER STRIP
2 TERMINAL LOGIC SUPPLY INPUT
.400
(10.16)
.250
(6.35)
.250
(6.35)
1.45
(36.83)
.200
(5.08)
3.50
(88.90)
KEY
SLOT
2.60
(66.04)
.450
(11.43)
EDGE CARD
IS ARRANGED
TO ACCOMODATE
50 CONTACT
0.1” (3mm) CENTER,
CARD EDGE
CONNECTOR
RIVETED STANDOFF
THRU HOLE 4 PLACES
.150 DIA.
(3.81)
.750
(19.05)
4.23
(107.32)
5.13
(130.18)
WILL ACCEPT 50 PIN DUAL
ROW HEADER
LED STATUS INDICATOR
1.55
(39.37)
FUSE
5 AMP
MAX. TO TOP
OF MODULES
1.9
(48.3)
PULL-UP RESISTORS 3.3K
Ω
2IOM16 & 2IOM16E Schematic
Designed to operate with neg. true logic (active low) systems & one logic voltage.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
+-
116
17
32
116
17
32
.250
(6.35)
3.25
(82.55)
MAX. TO TOP
OF MODULES
.750
(19.05)
1.9
(48.3)
.250
(6.35)
9.00
(228.60)
FUSE
7 AMP
16 PLACES
LED STATUS
INDICATOR
PULL-UP
RESISTOR
3.3K
Ω
2.75
(69.85)
.250
(6.35)
BARRIER STRIP
16 TERMINAL
4 PLACES
9.50
(241.30)
BARRIER STRIP 2 TERMINAL
LOGIC SUPPLY INPUT
4.68
(118.75)
1.13
(28.58)
RIVETED STANDOFF
THRU HOLE
4 PLACES
.150 DIA.
(3.81)
9.00
(228.6)
FIELD INPUT/OUTPUT
PULL-UP
RESISTOR
3.3k
Ω
TYPICAL
FUSE
7 AMP
TYPICAL
BARRIER
STRIP
LOGIC INPUT/OUTPUT
12
12
34
34
56
56
78
78
910
910
11 12
11 12
13 14
13 14
15 16
15 16
17 18
17 18
19 20
19 20
21 22
21 22
23 24
23 24
25 26
25 26
27 28
27 28
29 30
29 30
31 32
31 32
+
–
LED
BARRIER
STRIP
1
2
3
4
5
2IOM16A Schematic
Designed to operate with neg. true logic (active low) systems & one logic voltage.
2IOM16A Outline Dimensions
2IOM16E With Right-Angle Header



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com