Electronic Components Datasheet Search
  English  ▼

X  

NE734 Datasheet(PDF) 3 Page - NEC

Part # NE734
Description  NPN SILICON GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE734 Datasheet(HTML) 3 Page - NEC

  NE734 Datasheet HTML 1Page - NEC NE734 Datasheet HTML 2Page - NEC NE734 Datasheet HTML 3Page - NEC NE734 Datasheet HTML 4Page - NEC NE734 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
NE734 SERIES
PART NUMBER
QUANTITY
PACKAGING
NE73430-T1
3000
Tape & Reel
NE73435
1
ESD Bag
ORDERING INFORMATION
Note:
1. Embossed tape 12 mm wide.
Collector Current, IC (mA)
NE73435
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 10 V
f = 500 MHz
NE73435 TUNED
6
5
4
3
2
1
0.5 0.7 1
2
3
5
7
10
20
30
50
Frequency, f (GHz)
NE73435
GAIN vs. FREQUENCY
VCE = 10 V
IC = 30 mA
MAG
|S21E|2
32
24
16
8
0
0.1
0.2
0.3
0.5 0.7
1
2
3
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com