Electronic Components Datasheet Search
  English  ▼

X  

NE734 Datasheet(PDF) 1 Page - NEC

Part # NE734
Description  NPN SILICON GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE734 Datasheet(HTML) 1 Page - NEC

  NE734 Datasheet HTML 1Page - NEC NE734 Datasheet HTML 2Page - NEC NE734 Datasheet HTML 3Page - NEC NE734 Datasheet HTML 4Page - NEC NE734 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NPN SILICON GENERAL
PURPOSE TRANSISTOR
NE734
SERIES
FEATURES
• LOW NOISE FIGURE: < 3 dB at 500 MHz
• HIGH GAIN: 15 dB at 500 MHz
• HIGH GAIN BANDWIDTH PRODUCT: 2 GHz
(3 GHz for the NE73435)
• SMALL COLLECTOR CAPACITANCE: 1 pF
•
HIGH RELIABILITY METALLIZATION
DESCRIPTION
The NE734 series of NPN silicon general purpose UHF tran-
sistors provide the designer with a wide selection of reliable
transistors for high speed logic and wide-band low noise
amplifier applications. The series uses NEC's highly reliable
platinum-silicide, titanium, platinum, and gold metallization
system to assure uniform performance and reliability. The
35 (MICRO-X)
30 (SOT 323 STYLE)
California Eastern Laboratories
ELECTRICAL CHARACTERISTICS (TA = 25°C)
PART NUMBER
NE73430
NE73435
EIAJ1 REGISTERED NUMBER
2SC4185
2SC2148
PACKAGE OUTLINE
30
35
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
fT
Gain Bandwidth Product at
VCE = 10 V, IC = 10 mA
GHz
1.5
3.0
VCE = 10 V, IC = 5 mA
GHz
2.3
NFMIN
Minimum Noise Figure2 at
VCE = 10 V, IC = 3 mA, f = 0.5 GHz
dB
2.1
3.5
VCE = 10 V, IC = 5 mA, f = 0.9 GHz
dB
4.0
MAG
Maximum Available Gain3 at
VCE = 10 V, IC = 10 mA,
f = 0.5 GHz
dB
17
18
f = 1 GHz
dB
13
|S21E|2
Insertion Power Gain at VCE = 10 V, IC = 10 mA,
f = 0.5 GHz
dB
16
f = 1 GHz
dB
8
8
9
hFE
Forward Current Gain Ratio at
VCE = 10 V, IC = 10 mA
25
100
200
VCE = 10 V, IC = 5 mA
40
100
180
ICBO
Collector Cutoff Current at VCB = 15 V, IE = 0
µA
0.1
0.1
IEBO
Emitter Cutoff Current at VEB = 2 V, IC = 0
µA
0.1
CCB
Collector to Base Capacitance4 at
VCB = 10 V, IC = 0 mA, f = 1 MHz
pF
1.5
0.75
.55
1.5
PT
Total Power Dissipation
mW
150
250
RTH
Thermal Resistance (Junction to Case)
°C/W
833
550
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
Notes:
1. Electronic Industrial Association of Japan.
2. Input and output are tuned for optimum noise figures.
3. Maximum Available Gain (MAG) is calculated
4. CCB measurement employs a three-terminal capacitance bridge incorporating a guard circuit. The emitter terminal shall be connected to the
guard terminal.
NE73433 is in the plastic Mini-Mold package designed for
high-speed automated assembly operations for large volume
hybrid ICs. For hybrid MIC applications requiring more perfor-
mance, the NE73435 is recommended. This device is pack-
aged in the economical metal-ceramic, hermetic Micro-X pack-
age.


Similar Part No. - NE734

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
NE7 RICHCO-NE7 Datasheet
39Kb / 1P
CABLE CLAMPS, PLASTISOL DIPPED
logo
SIPAT Co,Ltd
NE71-0.2 SIPAT-NE71-0.2 Datasheet
52Kb / 1P
GSM Repeater
NE71-02 SIPAT-NE71-02 Datasheet
52Kb / 1P
GSM Repeater
logo
NEC
NE710 NEC-NE710 Datasheet
279Kb / 7P
LOW NOISE Ku-K BAND GaAs MESFET
NE71000 NEC-NE71000 Datasheet
279Kb / 7P
LOW NOISE Ku-K BAND GaAs MESFET
More results

Similar Description - NE734

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com