Electronic Components Datasheet Search
  English  ▼

X  

NE734 Datasheet(PDF) 4 Page - NEC

Part # NE734
Description  NPN SILICON GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE734 Datasheet(HTML) 4 Page - NEC

  NE734 Datasheet HTML 1Page - NEC NE734 Datasheet HTML 2Page - NEC NE734 Datasheet HTML 3Page - NEC NE734 Datasheet HTML 4Page - NEC NE734 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
TYPICAL COMMON EMITTER SCATTERING PARAMETERS
100
0.861
-28.4
6.880
157.0
0.026
70.5
0.960
-11.1
0.19
24.2
200
0.810
-55.0
6.206
139.8
0.047
56.9
0.865
-19.2
0.28
21.2
500
0.676
-115.5
4.323
104.1
0.070
37.3
0.689
-29.0
0.50
17.9
1000
0.616
-156.0
2.494
74.4
0.085
30.5
0.612
-38.3
0.84
14.7
1500
0.607
-175.1
1.709
55.6
0.095
32.2
0.612
-49.8
1.05
11.2
2000
0.610
171.3
1.317
39.0
0.107
32.2
0.616
-62.2
1.16
8.5
2500
0.613
160.0
1.071
25.3
0.118
33.9
0.632
-74.0
1.20
6.9
3000
0.618
149.5
0.896
13.0
0.132
33.5
0.649
-87.3
1.19
5.7
4000
0.630
128.9
0.647
-8.4
0.170
33.7
0.657 -112.9
1.20
3.1
100
0.798
-39.0
10.428
151.6
0.025
66.2
0.923
-14.4
0.22
26.2
200
0.733
-74.2
8.974
131.4
0.040
52.9
0.788
-22.4
0.31
23.5
500
0.628
-134.4
5.214
96.8
0.056
37.4
0.613
-28.4
0.62
19.7
1000
0.603
-166.4
2.797
70.8
0.073
37.1
0.563
-36.6
0.94
15.8
1500
0.605
178.1
1.893
53.1
0.088
39.9
0.572
-47.9
1.09
11.5
2000
0.613
166.2
1.442
37.6
0.102
39.9
0.582
-60.5
1.16
9.1
2500
0.621
155.9
1.161
24.2
0.117
41.0
0.604
-72.5
1.15
7.6
3000
0.628
146.0
0.967
12.0
0.133
40.6
0.628
-85.9
1.10
6.7
4000
0.644
126.0
0.690
-9.3
0.176
39.2
0.639 -111.8
1.09
4.1
VCE = 10 V, IC = 10 mA
100
0.687
-62.0
16.892
142.1
0.020
59.4
0.846
-19.1
0.26
29.3
200
0.635
-106.6
12.598
118.5
0.031
48.8
0.677
-24.6
0.40
26.1
500
0.603
-153.4
5.959
89.6
0.042
42.9
0.541
-25.9
0.81
21.5
1000
0.607
-175.8
3.063
67.1
0.061
47.2
0.521
-33.7
1.07
15.4
1500
0.621
171.8
2.039
50.5
0.080
48.7
0.541
-45.3
1.12
12.0
2000
0.633
161.4
1.532
35.2
0.096
48.3
0.559
-58.0
1.14
9.8
2500
0.646
151.8
1.220
22.4
0.112
48.3
0.586
-70.7
1.10
8.4
3000
0.652
142.4
1.009
10.4
0.132
47.9
0.612
-84.2
1.02
8.0
4000
0.672
122.6
0.712
-10.1
0.182
44.2
0.627 -111.0
0.96
5.9
100
0.584
-94.8
22.708
130.8
0.015
57.7
0.761
-21.6
0.32
31.8
200
0.594
-134.2
14.233
108.5
0.023
48.1
0.599
-23.0
0.55
27.9
500
0.613
-165.6
6.118
84.3
0.034
51.7
0.515
-22.0
0.95
22.6
1000
0.632
178.2
3.061
63.8
0.054
53.6
0.517
-30.8
1.13
15.3
1500
0.650
167.5
2.014
47.5
0.072
55.5
0.545
-43.4
1.14
12.2
2000
0.666
157.8
1.506
32.9
0.089
55.1
0.564
-56.8
1.12
10.2
2500
0.678
148.5
1.190
20.3
0.108
56.1
0.594
-69.8
1.02
9.6
3000
0.686
139.0
0.976
8.7
0.132
55.3
0.621
-83.9
0.91
8.7
4000
0.699
119.3
0.682
-11.2
0.190
49.2
0.634 -111.2
0.86
5.6
Coordinates in Ohms
Frequency in GHz
(VCE = 10 V, IC = 20 mA)
NE73435
VCE = 10 V, IC = 3 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
VCE = 10 V, IC = 5 mA
VCE = 10 V, IC = 20 mA
Note:
1. Gain Calculation:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
NE734 SERIES
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
0.2
0.4
0.6
0.8 1
1.5
2
3
4 5
10 20
50
-50
20
10
5
4
3
2
1.5
1
0.8
0.6
0.4
0.2
-0.2
-0.4
-0.6
-0.8
-1
-1.5
-2
-3
-4
-5
-10
-20
S11
S22
S21
270˚
180˚
225˚
315˚
135˚
0˚
90˚
45˚
0.05
0.10
0.15
5.00
10.00
15.00
20.00
S12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com