Electronic Components Datasheet Search
  English  ▼

X  

OCX160 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # OCX160
Description  OCX160 Crosspoint Switch
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OCX160 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button OCX160 Datasheet HTML 35Page - List of Unclassifed Manufacturers OCX160 Datasheet HTML 36Page - List of Unclassifed Manufacturers OCX160 Datasheet HTML 37Page - List of Unclassifed Manufacturers OCX160 Datasheet HTML 38Page - List of Unclassifed Manufacturers OCX160 Datasheet HTML 39Page - List of Unclassifed Manufacturers OCX160 Datasheet HTML 40Page - List of Unclassifed Manufacturers OCX160 Datasheet HTML 41Page - List of Unclassifed Manufacturers OCX160 Datasheet HTML 42Page - List of Unclassifed Manufacturers OCX160 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
OCX160 Crosspoint Switch—Preliminary Data Sheet
I-Cube, Inc.
[Rev. 1.6] 2/20/01
39
5.5
Package Thermal Characteristics
NOTE:
1.
Thermal performance values are based on simulation data.
Table 24
Package Thermal Coefficients
Package
Pin Count
Θ
JC(C/W)
Θ
JA(°C/W)
Still Air
PBGA
420
1.7°C/W
12°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com