Electronic Components Datasheet Search
  English  ▼

X  

OCX160 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # OCX160
Description  OCX160 Crosspoint Switch
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OCX160 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button OCX160 Datasheet HTML 9Page - List of Unclassifed Manufacturers OCX160 Datasheet HTML 10Page - List of Unclassifed Manufacturers OCX160 Datasheet HTML 11Page - List of Unclassifed Manufacturers OCX160 Datasheet HTML 12Page - List of Unclassifed Manufacturers OCX160 Datasheet HTML 13Page - List of Unclassifed Manufacturers OCX160 Datasheet HTML 14Page - List of Unclassifed Manufacturers OCX160 Datasheet HTML 15Page - List of Unclassifed Manufacturers OCX160 Datasheet HTML 16Page - List of Unclassifed Manufacturers OCX160 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
OCX160 Crosspoint Switch—Preliminary Data Sheet
I-Cube, Inc.
[Rev. 1.6] 2/20/01
13
1.3.2
ImpliedDisconnect
ImpliedDisconnect is a feature that provides the ability to make fast switch connection changes.
When using the RC instruction “Connect, with ImpliedDisconnect” to establish a new connection,
any existing connection to that output port is automatically broken. Thus, a connection change,
i.e. breaking an existing connection and then making a new one, can be accomplished in one
RapidConfigure cycle.
Table 4
RCO[4:0] Readback Pin Assignment
RCO[4:0]
Readback Location
Signal/Function
O4
Crosspoint
Connection Status:
0 = No connection (NC) — (default state at reset)
1 = Connected
O3
Output Buffer
Clock Select:
0 = Global Clock — (default state at reset)
1 = Next Neighbor
O2
Output Buffer
Output Mode:
0 = Flow-through (OP) — (default state at reset)
1 = Registered (RO)
O1, O0
0,0
0,1
1,0
1,1
Output Buffer
Output Enable:
Output enabled (ON) – this is the default state at reset
Output disabled (OFF)
Output controlled by OE (active high)
Output controlled by OE# (active low)
Table 5
Programming an Output Buffer using RapidConfigure
RCB[6:0]
Signal/Function
B6, B5, B4
Don’t care
B3
Clock Select:
0 = Global Clock
1 = Next Neighbor
B2
Output Mode:
0 = Flow-through (OP)
1 = Registered (RO)
B1, B0
0,0
0,1
1,0
1,1
Output Enable:
Output enabled (ON) – this is the default state at reset
Output disabled (OFF)
Output controlled by OE (active high)
Output controlled by OE# (active low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com