Electronic Components Datasheet Search
  English  ▼

X  

SS103VD Datasheet(PDF) 1 Page - TT Electronics.

Part # SS103VD
Description  Voltage divider circuit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SS103VD Datasheet(HTML) 1 Page - TT Electronics.

  SS103VD Datasheet HTML 1Page - TT Electronics. SS103VD Datasheet HTML 2Page - TT Electronics. SS103VD Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Nichrome Resistor Networks
on Silicon Substrates
SS103VD and SFN06VD series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
10.13
Voltage divider circuit
Thin film resistor network
RoHS compliant
Circuit Schematic
Electrical2
Resistance Tolerances
Features
Precision Nichrome Resistors on Silicon
Passivation coating provides protection in humid environments
Industry Standard Packaging
6 pad SON1 2mm square with 0.65 mm pitch (JEDEC MO-229D)
3 lead SOT23 (JEDEC TO-239)
Ratio Tolerances
< ± 0.05%
TCR Tracking Tolerances
< ± 5 ppm/°C
Standard Resistance Range
1K ohm to 100K ohms
Resistor Tolerances
± 0.25%
Ratio Tolerances
± 0.05%
TCR
Reference TCR table
Operating Temperature Range
-55°C to +125°C
Interlead Capacitance
< 2 pF
Insulation Resistance
≥10,000 Megohms
Maximum Operating Voltage
100 Vdc or v PR
Noise, Maximum (MIL-STD-2002, Method 308)
-25 dB
Maximum Package Power @ 70°C
0.2 Watts
Accuracy Code at 25°C
CA
CB
D
FA
F
G
J
Absolute Resistance Tolerances (%)
± 0.25
± 0.25
± 0.5
± 1.0
± 1.0
± 2.0
± 5.0
Ratio Tolerances (R1 Ref) (%)
± 0.05
± 0.1
± 0.1
± 0.05
± 1.0
N/A
N/A
1 Small outline no lead (SON) package is also referred to as quad flat no lead (QFN) or dual flat no lead (DFN) packages.
2 Specifications subject to change without notice.
Not Recommended for New Designs
For alternative see SS1 - http://www.irctt.com/file.aspx?product_id=411&file_type=datasheet,
SFN - no alternative
OBSOLETE


Similar Part No. - SS103VD

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SS103 CHENDA-SS103 Datasheet
836Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS103 YFWDIODE-SS103 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SS103 YIXIN-SS103 Datasheet
237Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
RFE international
SS103 RFE-SS103 Datasheet
1Mb / 3P
Schottky Barrier Rectifiers
10-26-2022
logo
Diotech Company.
SS1030 DIOTECH-SS1030 Datasheet
613Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS103VD

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1198 NTE-NTE1198 Datasheet
21Kb / 2P
Integrated Circuit CMOS Frequency Divider
NTE1199 NTE-NTE1199 Datasheet
24Kb / 2P
Integrated Circuit CMOS Frequency Divider
logo
National Semiconductor ...
MM5368 NSC-MM5368 Datasheet
152Kb / 3P
CMOS OSCILLATOR DIVIDER CIRCUIT
logo
Vishay Siliconix
CDHV2512 VISHAY-CDHV2512 Datasheet
107Kb / 3P
High Voltage Chip Divider
18-Nov-05
logo
KOA Speer Electronics, ...
RTXS03T KOA-RTXS03T Datasheet
90Kb / 1P
precision voltage divider networks
RTXS03TTE5001 KOA-RTXS03TTE5001 Datasheet
197Kb / 1P
precision voltage divider networks
logo
Analog Devices
AD535 AD-AD535_15 Datasheet
1Mb / 6P
INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
logo
TE Connectivity Ltd
SG1 TEC-SG1 Datasheet
1Mb / 7P
Voltage Divider Output Signal
logo
IET Labs Inc.
KVD-500 IET-KVD-500 Datasheet
329Kb / 2P
Kelvin-Varley Voltage Divider
04-13-2011
KVD-700 IET-KVD-700 Datasheet
960Kb / 1P
Kelvin-Varley Voltage Divider
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com