Electronic Components Datasheet Search
  English  ▼

X  

SS103VD Datasheet(PDF) 3 Page - TT Electronics.

Part # SS103VD
Description  Voltage divider circuit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SS103VD Datasheet(HTML) 3 Page - TT Electronics.

  SS103VD Datasheet HTML 1Page - TT Electronics. SS103VD Datasheet HTML 2Page - TT Electronics. SS103VD Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
10.13
Nichrome Resistor Networks
on Silicon Substrates
SS103VD and SFN06VD series
Ordering Information3
S S1 03 VD 05 F S LF 13
Model Series:
S = Passivated Nichrome
on Silicon
Package Type:
S1 = SOT-23
FN = SON 2mm sq
Pin Count:
Circuit Type:
VD=Voltage Divider
Resistance Code:
Divider ratio table
Packaging Option (Qty/reel)
7=7” Tape & Reel (1000 pcs)
13 = 13” Tape & Reel (3000 pcs)
Lead Finish:
LF=Lead Free (RoHS)
TCR Code:
TCR table
Tolerance Code:
Resistance tolerance table
Typical Marking
Divider Ratio
Resistance Code
Ratio (R2/R1)
R1 (ohms)
R2 (ohms)
01
1.613
12.4K
20K
02
10
10K
100K
03
4
5K
20K
05
1
20K
20K
06
9
11.3K
101.7K
07
2
10K
20K
08
3
3.333K
10K
09
2
5K
10K
10
1
10K
10K
11
2
1K
2K
12
2
50K
100K
3 Contact our customer service for custom designs and features.
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com