Electronic Components Datasheet Search
  English  ▼

X  

PT6641 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6641
Description  24W 12V Input Positive to Negative Voltage Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6641 Datasheet(HTML) 1 Page - Texas Instruments

  PT6641 Datasheet HTML 1Page - Texas Instruments PT6641 Datasheet HTML 2Page - Texas Instruments PT6641 Datasheet HTML 3Page - Texas Instruments PT6641 Datasheet HTML 4Page - Texas Instruments PT6641 Datasheet HTML 5Page - Texas Instruments PT6641 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
• Wide Input Voltage Range:
+8V to +25V
• Negative Output:
–2.5V/4A to –15V/1.5A
• Adjustable Output Voltage
• 85% Efficiency
• Remote Sense Capability
24W 12V Input Positive to Negative
Voltage Converter
PT6640 Series
Standard Application
C1 = Required 560µF electrolytic
C2 = Required 330µF electrolytic
PT6640
4,5,6
7,8,9,10
11,12,13
V
IN
COM
COM
-V
OUT
C
2
C
1
+
1
REMOTE SENSE
LOAD
Ordering Information
PT6641
= –3.3 Volts
PT6642
= –5.0 Volts
PT6643
= –12.0 Volts
PT6644
= –9.0 Volts
PT6645
= –15.0 Volts
PT6646
= –2.5 Volts
PT Series Suffix (PT1234X)
Case/Pin
Heat
Configuration
Spreader
Vertical Through-Hole
P
Horizontal Through-Hole
D
Horizontal Surface Mount
E
1
Remote Sense
2
Do Not Connect
3
Do Not Connect
4+Vin
5+Vin
6+Vin
7
–Vout
8
–Vout
9
–Vout
10
–Vout
11
GND
12
GND
13
GND
14
Vout Adjust
Pin-Out Information
The PT6640 series is a positive
input to negative output line of
Integrated Switching Regulators
(ISRs). Designed for general purpose
applications, the PT6640 series deliv-
ers a negative output voltage at up
to 24W. The PT6640 is packaged in
a 14-Pin SIP (Single In-line Package)
and is available in a surface-mount
configuration.
Note: Back surface
of product is
conducting metal
Pkg Style 400
SLTS037A
(Revised 6/30/2000)
PT6640
Specifications
Characteristics
PT6640 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = 60°C, 200 LFM, pkg P
0.1
—
(See Note 2)
Ta = 25°C, natural convection Vo≤ – 5.0V
0.1
—
4.0
Vo= – 9.0V
0.1
—
2.5
A
Vo= – 12.0V
0.1
—
2.0
Vo= – 15.0V
0.1
—
1.5
Input Voltage Range
Vin
0.1A
≤ Io ≤ Io max
Vo = –2.5V/3.3V
+8
—
+27
Vo = – 5.0V
+8
—
+25
Vo = – 9.0V
+8
—
+21
V
Vo = – 12.0V
+8
—
+18
Vo = – 15.0V
+8
—
+15
Output Voltage Tolerance
∆Vo
Over Vin range
Ta = -40°C to +65°C
Vo-0.1
—
Vo+0.1
V
Output Voltage Adjust Range
Voadj
Pin 14 to Vo or ground
Vo = – 2.5V
–1.8
—
–4.3
Vo = – 3.3V
–2.2
—
–4.7
Vo = – 5.0V
–3.0
—
–6.5
V
Vo = – 9.0V
–6.0
—
–10.2
Vo = –12.0V
–9.0
—
–13.6
Vo = –15.0V
–10.0
—
–17.0
Line Regulation
Regline
+9V
≤Vin≤+Vinmax, Io = Iomax
—
±0.5
±1.0
%Vo
Load Regulation
Regload
Vin = +12V, 0.1≤ Io≤Iomax
—
±0.5
±1.0
%Vo
Vo Ripple/Noise
Vn
Vin = +12V, Io = Iomax
—
3.0
—
%Vo
Transient Response
ttr
Io step between 0.5xIomax and Iomax
—
200
—
µSec
with C2 = 330µF
Vos
Vo over/undershoot
—
100
—
mV
Efficiency
η
Vin = +12V, Io = 0.5x Iomax
Vo = – 2.5V
—
75
—
Vo = – 3.3V
—
79
—
Vo = – 5.0V
—
83
—
%
Vo = –9.0/12.0V
—
85
—
Vo = –15.0V
—
84
—
Vin = +12V, Io = Iomax
Vo = – 2.5V
—
74
—
Vo = – 3.3V
—
77
—
%
Vo = – 5.0V
—
80
—
Vo = –9.0/12.0/15.0V
—
84
—
Continued


Similar Part No. - PT6641

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6644D TI-PT6644D Datasheet
128Kb / 6P
24W 12V Input Positive to Negative Voltage Converter
More results

Similar Description - PT6641

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11830 TOKO-TK11830 Datasheet
85Kb / 13P
POSITIVE-TO-NEGATIVE DC-DC CONVERTER
TK11835 TOKO-TK11835 Datasheet
13Kb / 1P
POSITIVE TO NEGATIVE DC-DC CONVERTER
logo
Texas Instruments
PTN78020A TI-PTN78020A Datasheet
1Mb / 19P
25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060A TI-PTN78060A Datasheet
1Mb / 18P
15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PT6644D TI-PT6644D Datasheet
128Kb / 6P
24W 12V Input Positive to Negative Voltage Converter
logo
STMicroelectronics
AN2837 STMICROELECTRONICS-AN2837 Datasheet
543Kb / 12P
Positive to negative buck-boost converter
26-Feb-2009
logo
Texas Instruments
PTN78020A TI-PTN78020A_15 Datasheet
473Kb / 20P
25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060A TI-PTN78060A_15 Datasheet
553Kb / 19P
15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PT78NR100 TI1-PT78NR100_15 Datasheet
206Kb / 5P
Negative output from positive input
PT78NR200 TI1-PT78NR200_09 Datasheet
439Kb / 2P
Negative output from positive input
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com