Electronic Components Datasheet Search
  English  ▼

X  

PT6641 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6641
Description  24W 12V Input Positive to Negative Voltage Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6641 Datasheet(HTML) 2 Page - Texas Instruments

  PT6641 Datasheet HTML 1Page - Texas Instruments PT6641 Datasheet HTML 2Page - Texas Instruments PT6641 Datasheet HTML 3Page - Texas Instruments PT6641 Datasheet HTML 4Page - Texas Instruments PT6641 Datasheet HTML 5Page - Texas Instruments PT6641 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TYPICAL
CHARACTERISTICS
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Specifications (continued)
Characteristics
PT6640 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Switching Frequency
ƒo
+9V
≤ Vin ≤ Vinmax
500
550
600
kHz
Over Io range
Absolute Maximum
Ta
Over Vin range
-40
—
+85
(2)
°C
Operating Temperature Range
Storage Temperature
Ts
—
-40
—
+125
°C
Mechanical Shock
—
Per Mil-STD-883D, Method 2002.3
—
500
—
G’s
Mechanical Vibration
—
Per Mil-STD-883D, Method 2007.2,
—
7.5
—
G’s
20-2000 Hz, soldered in a PC board
Weight
—
—
—
14
—
grams
Notes:
(1) The PT6640 Series requires a 330µF(output) and 560µF(input) electrolytic capacitors for proper operation in all applications.
(2) See Safe Operating Area curves or call the factory for guidance on thermal derating.
Efficiency vs Output Current
Characteristic Curves @12.0V Vin (See Note A)
Safe Operating Area Curves (See Note B)
Power Dissipation vs Output Current
Ripple vs Output Current
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the DC-DC Converter.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
PT6642, @Vin =12V
24W 12V Input Positive to Negative
Voltage Converter
PT6640 Series
60.0
65.0
70.0
75.0
80.0
85.0
90.0
00.5
11.5
2
2.533.5
4
Output Current (A)
PT6643
PT6642
PT6641
PT6646
0
25
50
75
100
125
150
00.511.522.533.5
4
Output Current (A)
PT6645
PT6643
PT6644
PT6642
PT6641
PT6646
0
1
2
3
4
5
6
00.5
11.522.5
33.5
4
Output Current (A)
PT6645
PT6643
PT6644
PT6642
PT6641
PT6646
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Output Current (A)
200LFM
120LFM
60LFM
Nat conv
Airflow



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com