Electronic Components Datasheet Search
  English  ▼

X  

PT6641 Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6641
Description  24W 12V Input Positive to Negative Voltage Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6641 Datasheet(HTML) 4 Page - Texas Instruments

  PT6641 Datasheet HTML 1Page - Texas Instruments PT6641 Datasheet HTML 2Page - Texas Instruments PT6641 Datasheet HTML 3Page - Texas Instruments PT6641 Datasheet HTML 4Page - Texas Instruments PT6641 Datasheet HTML 5Page - Texas Instruments PT6641 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Application Notes continued
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Table 2
PT6640 ADJUSTMENT RESISTOR VALUES
Series Pt #
PT6646
PT6641
PT6642
Series Pt #
PT6644
PT6643
PT6645
Current
4Adc
4Adc
4Adc
Current
2.5Adc
2Adc
1.5Adc
Vo (nom)
–2.5Vdc
–3.3Vdc
–5.0Vdc
Vo (nom)
–9.0Vdc
–12.0Vdc
–15.0Vdc
Va (req’d)
Va (req’d)
–1.8
(1.4)k
Ω
–6.0
(6.9)k
Ω
–1.9
(2.9)k
Ω
–6.2
(9.2)k
Ω
–2.0
(5.0)k
Ω
–6.4
(11.9)k
Ω
–2.1
(8.1)k
Ω
–6.6
(14.0)k
Ω
–2.2
(13.3)k
Ω
(1.0)k
Ω
–6.8
(18.6)k
Ω
–2.3
(23.7)k
Ω
(2.3)k
Ω
–7.0
(23.0)k
Ω
–2.4
(54.9)k
Ω
(3.9)k
Ω
–7.2
(28.3)k
Ω
–2.5
(5.8)k
Ω
–7.4
(35.0)k
Ω
–2.6
59.9k
Ω
(8.4)k
Ω
–7.6
(43.5)k
Ω
–2.7
28.7k
Ω
(11.7)k
Ω
–7.8
(55.0)k
Ω
–2.8
18.3k
Ω
(16.5)k
Ω
–8.0
(71.0)k
Ω
–2.9
13.1k
Ω
(23.6)k
Ω
–8.2
(95.0)k
Ω
–3.0
10.0k
Ω
(35.4)k
Ω
(1.6)k
Ω
–8.4
(135.0)k
Ω
–3.1
7.9k
Ω
(59.0)k
Ω
(2.3)k
Ω
–8.6
(215.0)k
Ω
–3.2
6.4k
Ω
(130.0)k
Ω
(3.1)k
Ω
–8.8
(455.0)k
Ω
–3.3
5.3k
Ω
(4.0)k
Ω
–9.0
(31.7)k
Ω
–3.4
4.4k
Ω
81.5k
Ω
(5.1)k
Ω
–9.2
64.8k
Ω
(36.1)k
Ω
–3.5
3.8k
Ω
38.3k
Ω
(6.2)k
Ω
–9.4
26.1k
Ω
(41.2)k
Ω
–3.6
3.2k
Ω
23.8k
Ω
(7.6)k
Ω
–9.6
13.1k
Ω
(47.1)k
Ω
–3.7
2.7k
Ω
16.6k
Ω
(9.1)k
Ω
–9.8
6.7k
Ω
(54.1)k
Ω
–3.8
2.3k
Ω
12.3k
Ω
(10.9)k
Ω
–10.0
2.8k
Ω
(62.6)k
Ω
(25.8)k
Ω
–3.9
2.0k
Ω
9.4k
Ω
(13.0)k
Ω
–10.2
0.2k
Ω
(72.8)k
Ω
(28.3)k
Ω
–4.0
1.7k
Ω
7.4k
Ω
(15.6)k
Ω
–10.4
(85.7)k
Ω
(31.1)k
Ω
–4.1
1.4k
Ω
5.8k
Ω
(18.7)k
Ω
–10.6
(102.0)k
Ω
(34.1)k
Ω
–4.2
1.2k
Ω
4.6k
Ω
(22.6)k
Ω
–10.8
(124.0)k
Ω
(37.3)k
Ω
–4.3
1.0k
Ω
3.7k
Ω
(27.6)k
Ω
–11.0
(155.0)k
Ω
(40.9)k
Ω
–4.4
2.9k
Ω
(34.2)k
Ω
–11.2
(201.0)k
Ω
(44.9)k
Ω
–4.5
2.2k
Ω
(43.6)k
Ω
–11.4
(278.0)k
Ω
(49.3)k
Ω
–4.6
1.7k
Ω
(57.6)k
Ω
–11.6
(432.0)k
Ω
(54.3)k
Ω
–4.7
1.2k
Ω
(80.9)k
Ω
–11.8
(895.0)k
Ω
(59.8)k
Ω
–4.8
(128.0)k
Ω
–12.0
(66.1)k
Ω
–4.9
(268.0)k
Ω
–12.2
94.8k
Ω
(73.3)k
Ω
–5.0
–12.4
41.1k
Ω
(81.6)k
Ω
–5.1
88.4k
Ω
–12.6
23.1k
Ω
(91.3)k
Ω
–5.2
41.7k
Ω
–12.8
14.2k
Ω
(103.0)k
Ω
–5.3
26.1k
Ω
–13.0
8.8k
Ω
(117.0)k
Ω
–5.4
18.4k
Ω
–13.2
5.2k
Ω
(133.0)k
Ω
–5.5
13.7k
Ω
–13.4
2.7k
Ω
(154.0)k
Ω
–5.6
10.6k
Ω
–13.6
0.7k
Ω
(181.0)k
Ω
–5.7
8.4k
Ω
–13.8
(217.0)k
Ω
–5.8
6.7k
Ω
–14.0
(268.0)k
Ω
–5.9
5.4k
Ω
–14.2
(343.0)k
Ω
–6.0
4.4k
Ω
–14.5
(570.0)k
Ω
–6.1
3.5k
Ω
–15.0
–6.2
2.8k
Ω
–15.5
42.3k
Ω
–6.3
2.2k
Ω
–16.0
14.8k
Ω
–6.4
1.7k
Ω
–16.5
5.6k
Ω
–6.5
1.2k
Ω
–17.0
1.1k
Ω
R1 = (Blue)
R2 = Black
PT6640 Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com