Electronic Components Datasheet Search
  English  ▼

X  

LM4560VJD Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560VJD
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560VJD Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM4560VJD Datasheet HTML 20Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 21Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 22Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 23Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 24Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 25Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 26Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 27Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
3.0 Register Description (Continued)
A ‘1’ written to bit n will reset this bit.
3.4.9.8 EINT (Envelope Engine Interrupt Eegister) (for
Bank A only)
Address: AudioBase + 9Ch
Size:
32 bits
Type:
Read/Write
Default:
00000000h
Any bits toggled from ‘0’ to ‘1’ will result in a IRQ.
Reading from this I/O port will return the envelope INT status
of 32 channels of Bank A. Bit n is for channel n.
0: No INT
1: INT
This bit will be set in 2 cases:
When envelope buffer toggled, and ETOG_IE ( envelope
toggle INT enable bit in Global Control register ) =1.
When Ec (current envelope)
≤ FFFh (−63.984375 dB), and
EDROP_IE (envelope dropping to −63.984375 dB INT en-
able bit in Global Control register) =1.
Writing ‘1’ to bit n of this register will reset this bit.
0: Ignore.
A ‘0’ written to bit n will not change the status of this bit.
1: reset
A ‘1’ written to bit n will reset this bit.
3.4.9.9 GC & CIR (Global Control & Channel Index)
Address: AudioBase + A0h
Size:
32 bits
Type:
Read/Write
Default:
00000000h
Bits 31–30 are used to control Legacy Recording channel
when record to mono sample.
00: left
01: right
10: (left+right+1)/2
11: reserved.
Bits 29–28 are IO 0008-read handling control bits.
00: never assert StatusRDY
01: StatusRDY = DMATCReached
10: StatusRDY = DMATCReached | LegacyDRQ
11: in this case, handshaking with StatusWR and manipula-
tion of return byte should been done.
StatusRDY keep ‘0’ when initialization.
If(StatusWR == 1) {
StatusRDY = 1;
if(DMAChannel==0) {
ReturnByte[7:0]=
{InputByte[7:5], DMAR8[4], InputByte[3:1], DMAR8[0]};
}
else {
ReturnByte[7:0] =
{InputByte[7:6], DMAR8[5], InputByte[4],
InputByte[3:2], DMAR8[1], InputByte[0]};
}
}
if(DMASNOOPCS_==0 & ADR[7:0]=8& Data_rdy_ == 0 &
StatusRDY==1)
StatusRDY = 0;
Bit 27 Test_loopback: This bit is used for wave engine loop-
back testing.
0: normal
1: force recording engine get new data from playback FIFO
instead of aclink.
Bit 26 Debugging Mode
0: Normal
1: Chip is in Debugging Mode.
In Debugging Mode, 20 pins (including 8 pins of GPIO, 1 pin
of SPDIF, 6 pins of I2S and 5 NC pins) are used as output to
monitor 40 internal important signals.
Detail in Appendix B.
Bit 25–24 EXPROM Map Mode
00: 000h–1FFh of EXPROM is mapped to AudioMemBase
800h–FFFh low 16 bits;
800h–9FFh of EXPROM is mapped to AudioMemBase
800h–FFFh high 16 bits;
01: 200h–3FFh of EXPROM is mapped to AudioMemBase
800h–FFFh low 16 bits;
A00h–BFFh of EXPROM is mapped to AudioMemBase
800h–FFFh high 16 bits;
10: 400h–5FFh of EXPROM is mapped to AudioMemBase
800h–FFFh low 16 bits;
C00h–DFFh of EXPROM is mapped to AudioMemBase
800h–FFFh high 16 bits;
11: 600h–7FFh of EXPROM is mapped to AudioMemBase
800h–FFFh low 16 bits;
E00h–FFFh of EXPROM is mapped to AudioMemBase
800h–FFFh high 16 bits.
Bit 23 EXPROM Dump Mode Enable
0: Disable
1: Enable
If enabled, EXPROM(4096x12bit) is mapped to AudioMem-
Base according to bit[25:24], i.e. the content of EXPROM
can be read out through AudioMem Read cycle.
Bit 22–21 Test mode bits
00: normal mode (chip works normally in this mode)
01: test mode 1
10: test mode 2
11: test mode 3
The detail descriptions on test mode 1, 2, and 3 are given in
Appendix B.
Bit 20 Main Mixer Output Control
0 Main Mixer L/R → PCM L/R Output FIFO
1 Main Mixer L/R → MMC L/R Output Buffer
Bit 19 S/PDIF Out Control
0 S/PDIF L/R Output Buffer → S/PDIF L/R transmitter
1 PCM L/R Output FIFO → S/PDIF L/R transmitter
Bit 18 I2S Out Control
0 I2S L/R Output Buffer → I2S transmitter
1 SURR L/R Output FIFO → I2S transmitter
Bit 17 PCMIN_B Mixing Enable/Disable
0 PCMIN_B Mixing Disable
1 PCMIN_B Mixing Enable
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com