Electronic Components Datasheet Search
  English  ▼

X  

LM4560VJD Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560VJD
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560VJD Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM4560VJD Datasheet HTML 24Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 25Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 26Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 27Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 28Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 29Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 30Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 31Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
3.0 Register Description (Continued)
3.4.9.21 ST_TARGET (Sample Timer Target)
Address: AudioBase + D0h
Size:
32 bits
Type:
Read/Write
Default:
00000000h
Bit 31–0 (ST_TARGET) is used to store a pre-set value.
Once STIMER counter reaches that value, an IRQ called
ST_IRQ will be issued if ST_IRQ_En = 1.
3.4.9.22 AINT_B (Bank B Address Engine Interrupt)
Address: AudioBase + D8h
Size:
32 bits
Type:
Read/Write
Default:
00000000h
Any bits toggled from ‘0’ to ‘1’ will result in a IRQ.
Reading from this I/O port will return the address INT status
of Bank B’s 32 channels. Bit n is for channel n.
0: No INT
1: INT
This bit will be set in 2 cases:
When CSO (current sample offset)
≥ ESO (end sample off-
set), and ENDLP_IE (end of loop INT enable bit in Global
Control register) =1 and AINTEN_B bit n is set 1 for channel
n.
When CSO (current sample offset)
≥ ESO/2 (middle of
ESO), and MIDLP_IE (middle of loop INT enable bit in Glo-
bal Control register) =1 and AINTEN_B bit n is set 1 for chan-
nel n.
Writing ‘1’ to bit n of this register will reset this bit.
0: Ignore.
A ‘0’ written to bit n will not change the status of this bit.
1: reset
A ‘1’ written to bit n will reset this bit.
3.4.9.23 AINTEN_B(Bank B Address Engine Interrupt
Enable)
Address: AudioBase + DCh
Size:
32 bits
Type:
Read/Write
Default:
00000000h
This register will control address engine interrupt for each
channel of Bank B. Bit n is for channel n.
0: disable address engine interrupt for channel n
1: enable address engine interrupt for channel n
3.4.9.24 E0h (CS0 & ALPHA & FMS) (for Bank A & Bank
B)
This register can be accessed in index mode or direct ac-
cess mode.
Address:
AudioBase + E0h (index mode) || Audio MEM
Base + 800h + 20h*CIR (direct access mode,
CIR: channel index)
Size:
32 bits
Type:
Read/Write
Default:
XXXXXXXXh
Description: CSO — Current Sample Offset (16 bits)
ALPHA — Sample interpolation coefficient (12
bits)
FMS — Frequency Modulation Step (4 bit)
Bits 31–16 (CSO) is the offset of current sample relative to
loop begin sample.
Bits 15–4 (ALPHA) is sample interpolation coefficient, which
stands for the linear interpolation ratio between current
sample and the next one.
Bits 3–0 (FMS) is Frequency Modulation Step.
3.4.9.25 E4h (LBA) (for Bank A & Bank B)
This register can be accessed in index mode or direct ac-
cess mode.
Address:
AudioBase + E4h (index mode) || Audio MEM
Base + 804h + 20h*CIR (direct access mode,
CIR: channel index)
Size:
32 bits
Type:
Read/Write
Default:
XXXXXXXXh
Description: Loop
Begin
Address
(31
bits)
&
CPTR — Cache Pointer (1 bit)
Bit 31 (CPTR) is reserved for internal use of cache control.
Bits 30–0 is the linear address of loop begin sample.
It should be word aligned when sample type is 16-bit Mono
or 8-bit Stereo; and should be double word aligned when
sample type is 16-bit Stereo.
3.4.9.26 E8h (ESO & DELTA) (for Bank A & Bank B)
This register can be accessed in index mode or direct ac-
cess mode.
Address:
AudioBase + E8h (index mode) || Audio MEM
Base + 808h + 20h*CIR (direct access mode,
CIR: channel index)
Size:
32 bits
Type:
Read/Write
Default:
XXXXXXXXh
Description: ESO — End Sample Offset (16 bits)
DELTA — Sample rate ratio (16 bits)
Bits 31–16 (ESO) is the offset of loop end sample relative to
loop begin sample.
Bits 15–0 (DELTA) is sample change step in format 4.12
(Four bits integer, 12 bits fraction), which stands for the fre-
quency ratio: Fs/48 kHz, while Fs is the sum of sample rate
and pitch shifting rate.
3.4.9.27 ECh_A (Bank A LFO_CTRL & LFO_CT & FMC
& RVOL & CVOL) (Bank A Only)
This register can be accessed in index mode or direct ac-
cess mode.
Address:
AudioBase + ECh (index mode) || Audio MEM
Base + 80Ch + 20h*CIR (direct access mode,
CIR: channel index) (CIR<32)
Size:
32 bits
Type:
Read/Write
Default:
XXXXXXXXh
Description: LFO_CTRL — Per Channel LFO Control (8 bit)
LFP_CT — Per Channel LFP working counter
(8 bits)
FMC — Per Channel FM control (2 bit)
RVOL — Reverb Send Linear Volume (7 bit)
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com