Electronic Components Datasheet Search
  English  ▼

X  

LM4560VJD Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560VJD
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560VJD Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button LM4560VJD Datasheet HTML 36Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 37Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 38Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 39Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 40Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 41Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 42Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 43Page - National Semiconductor (TI) LM4560VJD Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
4.0 Functional Description (Continued)
1 Reserved
4.2.1.5.2 Command 10h
Function: 8-bit direct mode playback
4.2.1.5.3 Command 14h
Function: 8-bit normal DMA playback
Length = number of bytes to be transferred - 1
SB ESP will generate an interrupt after the specified length of data has been transferred.
4.2.1.5.4 Command 16h/17h
Function: SB ADPCMDMA playback
Length = number of bytes to be transferred - 1
These two commands are not supported.
4.2.1.5.5 Command 1Ch
Function: 8-bit continuous DMA playback
SB ESP will generate an interrupt after each block length of data has been transferred.
4.2.1.5.6 Command 1Eh/1Fh
Function: SB ADPCMDMA playback
These two commands are not supported.
4.2.1.6 8-Bit Recording Only Command 2xh
SB ESP uses SBMX0E.1 to do mono/stereo recording.
SBMX0E.1 = 0 for mono recording.
1 for stereo recording.
4.2.1.6.1 Command Bit Definition
Bit 3
0 Direct Mode or Normal DMA Mode
1 Continuous DMA Mode
Bit 2
0 Direct Mode
1 DMA Mode
Bit 1 X reserved
Bit 0 X reserved
4.2.1.6.2 Command 20h
Function: 8-bit direct mode recording
4.2.1.6.3 Command 24h
Function: 8-bit normal DMA recording
Length = number of bytes to be transferred - 1
SB ESP will generate an interrupt after the specified length of data has been transferred.
4.2.1.6.4 Command 2Ch
Function: 8-bit continuous DMA recording
SB ESP will generate an interrupt after each block length of data has been transferred.
4.2.1.7 Set Sample Rate And Continuous/Special Dma Block Length Command 4xh
4.2.1.7.1 Command 40h
Function: Set Sample Rate by Time Constant
Time_Constant = 256d − (1,000,000d / (Channel * Sampling Rate))
Channel = 1 for mono or SB16 command, 2 for stereo of SBPRO command
www.national.com
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com