Electronic Components Datasheet Search
  English  ▼

X  

MUN2113 Datasheet(PDF) 4 Page - Yea Shin Technology Co., Ltd

Part # MUN2113
Description  PNP Silicon Surface Mount Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MUN2113 Datasheet(HTML) 4 Page - Yea Shin Technology Co., Ltd

  MUN2113 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 5Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 6Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 7Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 8Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
http://www.yeashin.com
4
REV.02 20120403
MUN211 Series
DEVICE CHARACTERISTICS
100
10
1
0.1
0.01
0.001
0
Vin, INPIT VOLTAGE (VOLTS)
TA =-25°C
25°C
1
2
3
4
5
6
7
8
9
10
0.01
20
IC, COLLECTOR CIRRENT (mA)
0.1
1
0
40
60
80
1000
1
10
100
IC, COLLECTOR CIRRENT (mA)
TA =75°C
-25°C
100
10
75°C
50
010
20
30
40
4
3
1
2
VR, REVERSE BIAS VOLTAGE (VOLTS)
0
TA =-25°C
25°C
75°C
f = 1 MHz
lE = 0 V
TA = 25°C
VO = 5 V
IC/IB =10
VCE = 10 V
0
IC, COLLECTOR CIRRENT (mA)
0.1
1
10
100
10
20
30
40
50
TA =-25°C
25°C
75°C
VO = 0.2 V
Figure 1. Derating Curve
250
200
150
100
50
0
-50
0
50
100
150
TA, AMBIENT TEMPERATIRE ( °C)
RθJA = 625°C/W
Figure 2. VCE(sat) versus IC
Figure 3. DC Current Gain
Figure 4. Output Capacitance
Figure 5. Output Current versus Input Voltage
Figure 6. Input Voltage versus Output Current
25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com