Electronic Components Datasheet Search
  English  ▼

X  

MUN2113 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # MUN2113
Description  PNP Silicon Surface Mount Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MUN2113 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  MUN2113 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 5Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 6Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 7Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 8Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120403
MUN211 Series
PIN 1
BASE
(INPUT)
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
R
1
R
2
Bias Resistor Transistors
PNP Silicon Surface Mount Transistors
with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network
consisting of two resistors; a series base resistor and a base-emitter
resistor. The BRT eliminates these individual components by
integrating them into a single device. The use of a BRT can reduce
both system cost and board space. The device is housed in the SOT-23
package which is designed for low power surface mount applications.
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• The SOT-23 package can be soldered using wave or reflow. The
modified gull-winged leads absorb thermal stress during soldering
eliminating the possibility of damage to the die.
MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
246 (Note 1.)
400 (Note 2.)
1.5 (Note 1.)
2.0 (Note 2.)
mW
°C/W
Thermal Resistance –
Junction-to-Ambient
RθJA
508 (Note 1.)
311 (Note 2.)
°C/W
Thermal Resistance –
Junction-to-Lead
RθJL
174 (Note 1.)
208 (Note 2.)
°C/W
Junction and Storage
Temperature Range
TJ,Tstg
–55 to +150
°C
1. FR–4 @ Minimum Pad
2. FR–4 @ 1.0 x 1.0 inch Pad
SOT–23 (TO–236AB)
1
2
3
H


Similar Part No. - MUN2113

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2113 WEITRON-MUN2113 Datasheet
271Kb / 12P
Bias Resistor Transistor PNP Silicon
MUN2113 WEITRON-MUN2113 Datasheet
606Kb / 12P
Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MUN2113 ONSEMI-MUN2113 Datasheet
148Kb / 12P
Digital Transistors (BRT) R1 = 47 k, R2 = 47 k
September, 2012 ??Rev. 1
MUN2113 ONSEMI-MUN2113 Datasheet
113Kb / 12P
Digital Transistors (BRT) R1 = 47 k, R2 = 47 kA
January, 2015 ??Rev. 4
MUN2113 ONSEMI-MUN2113 Datasheet
202Kb / 12P
Digital Transistors (BRT)
October, 2016 ??Rev. 5
More results

Similar Description - MUN2113

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXT4033 CENTRAL-CXT4033 Datasheet
100Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTORS
CMLT2907A CENTRAL-CMLT2907A Datasheet
95Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMST5086 CENTRAL-CMST5086 Datasheet
115Kb / 2P
SURFACE MOUNT SUPERmini PNP SILICON TRANSISTORS
CMKT2907A CENTRAL-CMKT2907A_10 Datasheet
499Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMLT2907A CENTRAL-CMLT2907A_10 Datasheet
581Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT3906 CENTRAL-CMXT3906_10 Datasheet
557Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
logo
Leshan Radio Company
LMUN2110LT1G LRC-LMUN2110LT1G_15 Datasheet
388Kb / 16P
PNP Silicon Surface Mount Transistors
logo
Central Semiconductor C...
CMKT2907A CENTRAL-CMKT2907A_15 Datasheet
499Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT2907A CENTRAL-CMXT2907A_15 Datasheet
556Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT3906 CENTRAL-CMXT3906_15 Datasheet
557Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com