Electronic Components Datasheet Search
  English  ▼

X  

MUN2113 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # MUN2113
Description  PNP Silicon Surface Mount Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MUN2113 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  MUN2113 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 5Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 6Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 7Page - Yea Shin Technology Co., Ltd MUN2113 Datasheet HTML 8Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
http://www.yeashin.com
2
REV.02 20120403
MUN211 Series
DEVICE MARKING AND RESISTOR VALUES
MUN2111
SOT-23
A6A
10
10
3000/Tape & Reel
MUN2110
A6O
47
3000/Tape & Reel
MUN2112
A6B
22
22
3000/Tape & Reel
MUN2113
A6C
47
47
3000/Tape & Reel
MUN2114
A6D
10
47
3000/Tape & Reel
MUN2115
A6E
10
3000/Tape & Reel
MUN2116
A6F
4.7
3000/Tape & Reel
MUN2130
A6G
1.0
1.0
3000/Tape & Reel
MUN2131
A6H
2.2
2.2
3000/Tape & Reel
MUN2132
A6J
4.7
4.7
3000/Tape & Reel
MUN2133
A6K
4.7
47
3000/Tape & Reel
MUN2134
A6L
22
47
3000/Tape & Reel
ICBO
-
-
100
nAdc
Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
-
-
500
nAdc
Emitter-Base Cutoff Current
MUN2111
(V EB = 6.0 V, IC = 0)
MUN2112
MUN2113
MUN2114
MUN2115
MUN2116
MUN2130
MUN2131
MUN2132
MUN2133
MUN2110
MUN2134
IEBO
0.5
0.1
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
mAdc
Collector-Base Breakdown Voltage (IC = 10 µA, IE = 0)
V(BR)CBO
50
-
-
Vdc
Collector-Emitter Breakdown Voltage (Note 4.)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
-
-
Vdc
3. New devices. Updated curves to follow in subsequent data sheets.
4. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
Package
Marking
R1 (K)
R2 (K)
Shipping
Device
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
SOT-23
SOT-23
SOT-23
SOT-23
SOT-23
SOT-23
SOT-23
SOT-23
SOT-23
SOT-23
SOT-23



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com