Electronic Components Datasheet Search
  English  ▼

X  

LM4652TF Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4652TF
Description  LM4651 & LM4652 Overture??Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4652TF Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4652TF Datasheet HTML 7Page - National Semiconductor (TI) LM4652TF Datasheet HTML 8Page - National Semiconductor (TI) LM4652TF Datasheet HTML 9Page - National Semiconductor (TI) LM4652TF Datasheet HTML 10Page - National Semiconductor (TI) LM4652TF Datasheet HTML 11Page - National Semiconductor (TI) LM4652TF Datasheet HTML 12Page - National Semiconductor (TI) LM4652TF Datasheet HTML 13Page - National Semiconductor (TI) LM4652TF Datasheet HTML 14Page - National Semiconductor (TI) LM4652TF Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Application Information (Continued)
reduced as the desired bandwidth of operation increases.
The dead time can be adjusted with the R
DLY resistor by
Equation (4):
T
DLY = 1.7x10
−12 (500 + R
DLY)
(Seconds)
(4)
Currently, the recommended value is 5k
Ω.
Oscillator Control: The modulation frequency is set by an
external resistor, R
OSC,
connected between pin 16 and
GND. The modulation frequency can be set within the range
of 50kHz to 225kHz according to the design requirements.
The values of R
OSC and fOSC can be found by Equation (5)
and (6):
f
OSC = 1x10
9/ (4000 + R
OSC)
(Hz)
(5)
R
OSC = (1x10
9/f
OSC) − 4000
(
Ω)
(6)
Equations (5) and (6) are for R
DLY = 0. Using a value of RDLY
greater than zero will increase the value needed for R
OSC.
For R
DLY =5kΩ,ROSC will need to be increased by about
2k
Ω. As the graphs show, increasing the switching frequency
will reduce the THD but also decreases the efficiency and
maximum output power level before clipping. Increasing the
switching frequency increases the amount of loss because
switching currents lower the efficiency across the output
power range. A higher switching frequency also lowers the
maximum output power before clipping or the 1% THD point
occur.
Over-Modulation Protection: The over-modulation protec-
tion is an internally generated fixed pulse width signal that
prevents any side of the H-bridge power MOSFETs from
remaining active for an extended period of time. This condi-
tion can result when the input signal amplitude is higher than
the internal triangle waveform. Lack of an over modulation
signal can increase distortion when the amplifier’s output is
clipping. Figure 4 shows how the over modulation protection
works.
The over modulation protection also provides a ’soft clip’
type response on the top of a sine wave. This minimum
pulse time is internally set and cannot be adjusted. As the
switching frequency increases this minimum time becomes a
higher percentage of the period (T
PERIOD = 1/fSW). Because
the over modulation protection time is a higher percentage of
the period, the peak output voltage is lower and, therefore,
the output power at clipping is lower for the same given
supply rails and load.
Feedback Amplifier and Filter: The purpose of the feed-
back amplifier is to differentially sample the output and pro-
vide a single-ended feedback signal to the error amplifier to
close the feedback loop. The feedback is taken directly from
the switching output before the demodulating LC filter to
avoid the phase shift caused by the output filter. The signal
fed back is first low pass filtered with a single pole or dual
pole RC filter to remove the switching frequency and its
harmonics. The differential signal, derived from the bridge
output, goes into the high input impedance instrumentation
amplifier that is used as the feedback amplifier. The instru-
mentation amplifier has an internally fixed gain of 1. The use
of an instrumentation amplifier serves two purposes. First,
it’s input are high impedance so it doesn’t load down the
output stage. Secondly, an IA has excellent common-mode
rejection when its gain setting resistors are properly
matched. This feature allows the IA to derive the true feed-
back signal from the differential output, which aids in improv-
ing the system performance.
Error Amplifier: The purpose of the error amplifier is to sum
the input audio signal with the feedback signal derived from
the output. This inverting amplifier’s gain is externally con-
figurable by resistors Rf and R1. The parallel feedback ca-
pacitor and resistor form a low pass filter that limits the
frequency content of the input audio signal and the feedback
signal. The pole of the filter is set by Equation (7).
f
IP = 1/(2πRfCf)
(Hz)
(7)
On-Board Regulators: The LM4651 has its own internal
supply regulators for both analog and digital circuits. Sepa-
rate ±6V regulators exist solely for the analog amplifiers,
oscillator and PWM comparators. A separate voltage regu-
lator powers the digital logic that controls the protection,
level shifting, and high−/low−side driver circuits. System per-
formance is enhanced by bypassing each regulator’s output.
The ±6V regulator outputs, labeled +6V
BYP (pin 6) and
−6V
BYP (pin 8) should be bypassed to ground. The digital
regulator output, −V
DDBYP (pins 20 & 21) should be by-
passed to −V
EE (pins 22 & 23). The voltage level of −VDDBYP
should be always be 6V closer to ground than the negative
rail, −V
EE. As an example, if −VEE = −20V, then −VDDBYP
should equal −14V. Recommended capacitor values and
type can be found in Figure 1, Typical audio Application
Circuit.
APPLICATIONS HINTS
DS101277-2
FIGURE 4. Over Modulation Protection
DS101277-3
FIGURE 5. Feedback instrumentation Amplifier
Schematic
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com