Electronic Components Datasheet Search
  English  ▼

X  

LM4652TF Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4652TF
Description  LM4651 & LM4652 Overture??Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4652TF Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4652TF Datasheet HTML 10Page - National Semiconductor (TI) LM4652TF Datasheet HTML 11Page - National Semiconductor (TI) LM4652TF Datasheet HTML 12Page - National Semiconductor (TI) LM4652TF Datasheet HTML 13Page - National Semiconductor (TI) LM4652TF Datasheet HTML 14Page - National Semiconductor (TI) LM4652TF Datasheet HTML 15Page - National Semiconductor (TI) LM4652TF Datasheet HTML 16Page - National Semiconductor (TI) LM4652TF Datasheet HTML 17Page - National Semiconductor (TI) LM4652TF Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Application Information (Continued)
LM4652 is the R
DS(ON) of the FET times the RMS output
current when operating at maximum output power. The other
component of power dissipation in the LM4652 is the switch-
ing loss. If the output power is high enough and the DC
resistance of the filter coils is not minimized then significant
loss can occur in the output filter. This will not affect the
power dissipation in the LM4652 but should be checked to
be sure that the filter coils with not over heat.
The first step in determining the maximum power dissipation
is finding the maximum output power with a given voltage
and load. Refer to the graph Output Power verses Supply
Voltage to determine the output power for the given load and
supply voltage. From this power, the RMS output current can
be calculated as I
OUTRMS = SQRT(POUT/RL). The power
dissipation caused by the output current is P
DOUT
=
(I
OUTRMS)
2 * (2*R
DS(ON)). The value for RDS(ON) can be
found from the Electrical Characteristics for the LM4652
table above. The percentage of loss due to the switching is
calculated by Equation (9):
%LOSS
SWITCH =(tr+tf +TOVERMOD) * fSW
(9)
t
r,tf and TOVERMOD can be found in the Electrical Charac-
teristic for the LM4651 and Electrical Characteristic for
the LM4652 sections above. The system designer deter-
mines the value for f
SW (switching frequency). Power dissi-
pation caused by switching loss is found by Equation (10).
P
OUTMAX is the 1% output power for the given supply voltage
and the load impedance being used in the application. P
OUT-
MAX
can be determined from the graph Output Power vs.
Supply Voltage in the Typical Performance Characteris-
tics section above.
P
DSWITCH = (%LOSSSWITCH * POUTMAX)/
(1−%LOSS
SWITCH)
(Watts)
(10)
P
DMAX for the LM4652 is found by adding the two compo-
nents (P
DSWITCH +PDOUT) of power dissipation together.
Determining the Correct Heat Sink
Once the LM4652’s power dissipation known, the maximum
thermal resistance (in ˚C/W) of a heat sink can be calculated.
This calculation is made using Equation (11) and is based on
the fact that thermal heat flow parameters are analogous to
electrical current flow properties.
P
DMAX =(TJMAX −TAMBIENTMAX)/ θJA
(Watts)
(11)
Where
θ
JA = θJC + θCS + θSA
Since we know
θ
JC, θCS, and TJMAX from the Absolute
Maximum Ratings and Operating Ratings sections above
(taking care to use the correct
θ
JC for the LM4652 depending
on which package type is being used in the application) and
have calculated P
DMAX and TAMBIENTMAX, we only need θSA,
the heat sink’s thermal resistance. The following equation is
derived from Equation (11):
θ
SA = [(TJMAX −TAMBIENTMAX)/PDMAX]− θJC − θCS
Again, it must be noted that the value of
θ
SA is dependent
upon the system designer’s application and its correspond-
ing parameters as described previously. If the ambient tem-
perature surrounding the audio amplifier is higher than
T
AMBIENTMAX, then the thermal resistance for the heat sink,
given all other parameters are equal, will need to be lower.
Example Design of a Class D Amplifier
The following is an example of how to design a class D
amplifier system for a power subwoofer application utilizing
the LM4651 and LM4652 to meet the design requirements
listed below:
•
Output Power, 1% THD
125W
•
Load Impedance
4
Ω
•
Input Signal level
3V RMS (max)
•
Input Signal Bandwidth
10Hz − 150Hz
•
Ambient Temperature
50˚C (max)
Determine the Supply Voltage
From the graph Output Power verses Supply voltage at
1% THD the supply voltage needed for a 125 watt, 4
Ω
application is found to be ±20V.
Determine the Value for R
OSC(Modulation Frequency)
The oscillation frequency is chosen to obtain a satisfactory
efficiency level while also maintaining a reasonable THD
performance. The modulation frequency can be chosen us-
ing the Clipping Power Point and Efficiency verses
Switching Frequency graph. A modulation frequency of
125kHz is found to be a good middle ground for THD per-
formance and efficiency. The value of the resistor for R
OSC is
found from Equation (6) to be 3.9 k
Ω.
Determine the Value for R
SCKT (Circuit Limit)
The current limit is internally set as a failsafe to 10 amps.
The inductor ripple current and the peak output current must
be lower than 10 amps or current limit protection will turn on.
A typical 4
Ω load driven by a filter using 50µH inductors does
not require more than 10A. The current limit will have to be
increased when loads less than 4
Ω are used to acheive
higher output power. With R
SCKT equal to 100kΩ, the current
limit is 10A.
Determine the Value for R
DLY (Dead Time Control)
The delay time or dead time is set to the recommended
value so R
DLY equals 5kΩ. If a higher bandwidth of operation
is desired, R
DLY should be a lower value resistor. If a zero
value for R
DLY is desired, connect the LM4651’s pin 17 to
GND.
Determine the Value of L
1,CBYP,C1,Rfl1 Rfl2,Cfl1 Cfl2,Rf,
C
f (the Output and Feedback Filters)
All component values show in
Figure 1 Typical Audio Ap-
plication Circuit, are optimized for a subwoofer application.
Use the following guidelines when changing any component
values from those shown. The frequency response of the
output filter is controlled by L
1 and CBYP. Refer to the Ap-
plication Information section titled Output Stage Filtering
for a detailed explanation on calculating the correct values
for L
1 and CBYP.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com