Electronic Components Datasheet Search
  English  ▼

X  

LM4652TF Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4652TF
Description  LM4651 & LM4652 Overture??Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4652TF Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM4652TF Datasheet HTML 12Page - National Semiconductor (TI) LM4652TF Datasheet HTML 13Page - National Semiconductor (TI) LM4652TF Datasheet HTML 14Page - National Semiconductor (TI) LM4652TF Datasheet HTML 15Page - National Semiconductor (TI) LM4652TF Datasheet HTML 16Page - National Semiconductor (TI) LM4652TF Datasheet HTML 17Page - National Semiconductor (TI) LM4652TF Datasheet HTML 18Page - National Semiconductor (TI) LM4652TF Datasheet HTML 19Page - National Semiconductor (TI) LM4652TF Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Application Information (Continued)
To account for the use of a mica washer simply subtract the
thermal resistance of the mica washer from
θ
SA calculated
above.
Recommendations for Critical External Components
Circuit
Symbol
Suggested
Value
Suggested Type
Supplier/Contact Information
Supplier Part
#
C
fI1
330pF
Ceramic Disc
C
fI2
100pF
Ceramic Disc
C
f
470pF
Ceramic Disc
C
B2
1µF
Resin Dipped Solid Tantalum
C
B1 &CBT
0.1µF
Monolithic Ceramic
C
B3
0.001µF
Monolithic Ceramic
C
1 &CBYP
5µF - 10µF
Metalized Polypropylene or
Polyester Film
Bishop Electronics Corp.
(562) 695 - 0446
http://www.bishopelectronics.com/
BEC-9950
A11A-50V
C
1 &CBYP
5µF - 10µF
Metalized Polypropylene or
Polyester Film
Nichicon Corp.
(847) 843-7500
http://www.nichicon-us.com/
QAF2Exx
or
QAS2Exx
D
1
3A, 50V
Fast Schottky Diode
L
1
47µH, 5A
High Saturation Open Core
(Vertical Mount Power Chokes)
CoilCraft
(847) 639-6400
http://www.coilcraft.com/
PCV-0-
473-05
L
1
50µH, 5.6A
High Saturation Flux Density
Ferrite Rod
J.W. Miller
(310) 515-1720
http://www.jwmiller.com/
5504
L
1
68µH, 7.3A
High Saturation Flux Density
Ferrite Rod
J.W. Miller
(310) 515-1720
http://www.jwmiller.com/
5512
DS101277-29
FIGURE 7. Reference PCB silkscreen layer
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com